Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1454121 Datasheet (PDF) - PHOENIX CONTACT

1454121 Datasheet PDF - PHOENIX CONTACT
Part # 1454121
Download  1454121 Download
File Size   432.64 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-M12MS/ 2,0-28X SH OD - Sensor/actuator cable

1454121 Datasheet (PDF)

Go To PDF Page Download Datasheet
1454121 Datasheet PDF - PHOENIX CONTACT

Part # 1454121
Download  1454121 Click to download

File Size   432.64 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-M12MS/ 2,0-28X SH OD - Sensor/actuator cable

1454121 Datasheet (HTML) - PHOENIX CONTACT


1454121 Product details

Sensor/actuator cable, 4-position, PE-X/PE-X halogen-free, black-gray RAL 7021, shielded
(Braided copper wires), Plug straight M12, coding: A, connected with unwired, on free cable end,
cable length: 2 m, for outdoor applications, with high-grade steel knurl

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Robust throughout: resistant to oil, UV, and ozone, withstands temperatures from -40°C … +105°C
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1454121

ManufacturerPart #DatasheetDescription
logo
Heyco.
14541 HEYCO-14541 Datasheet
393Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
logo
PHOENIX CONTACT
1454105 PHOENIX-1454105 Datasheet
520Kb / 12P
SAC-4P-M12MS/2,0-28X/M12FS OD - Sensor/actuator cable
1454118 PHOENIX-1454118 Datasheet
517Kb / 12P
SAC-4P-M12MS/5,0-28X/M12FS OD - Sensor/actuator cable
1454134 PHOENIX-1454134 Datasheet
121Kb / 9P
Sensor/actuator cable - SAC-4P-M12MS/ 5,0-28X SH OD
09/11/2020
1454147 PHOENIX-1454147 Datasheet
432Kb / 12P
SAC-4P-M12MS/10,0-28X SH OD - Sensor/actuator cable
More results


Similar Description - 1454121

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1405961 PHOENIX-1405961 Datasheet
120Kb / 6P
Sensor/Actuator cable - SAC-8P-M12MS/30-28X/M12FSSHOD
1403993 PHOENIX-1403993 Datasheet
139Kb / 9P
Sensor/actuator cable - SAC-4P-M12MS/3,0-600/FS SH HD
09/12/2020
1406186 PHOENIX-1406186 Datasheet
136Kb / 9P
Sensor/actuator cable - SAC-4P-MR/ 2,0-542 SH SCO BK
09/11/2020
1425146 PHOENIX-1425146 Datasheet
136Kb / 9P
Sensor/actuator cable - SAC-5P-M12MS/7,2-28X/M12FS OD
09/12/2020
1454134 PHOENIX-1454134 Datasheet
121Kb / 9P
Sensor/actuator cable - SAC-4P-M12MS/ 5,0-28X SH OD
09/11/2020
1509461 PHOENIX-1509461 Datasheet
109Kb / 8P
Sensor/actuator cable - SAC-4P-M12MS/10,0-186
09/11/2020
1519286 PHOENIX-1519286 Datasheet
104Kb / 4P
Sensor/actuator cable - SAC-4P-M12MS/15,0-PUR SH
12/06/2018
1533576 PHOENIX-1533576 Datasheet
77Kb / 5P
Sensor/actuator cable - SAC-4P- 2,0-PUR/M12FS
12/06/2018
1410471 PHOENIX-1410471 Datasheet
409Kb / 11P
SAC-5P-M12MS/ 2,0-92X SH OD - Bus system cable
1150038 PHOENIX-1150038 Datasheet
560Kb / 13P
SAC-4P-M12MS/ 2,0-542/M12FS BK - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com