Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPB0618N Datasheet (PDF) - Qorvo, Inc

QPB0618N Datasheet PDF - Qorvo, Inc
Part # QPB0618N
Download  QPB0618N Download
File Size   780.92 Kbytes
Page   10 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 6 – 18 GHz Wideband GaN Amplifier

QPB0618N Datasheet (PDF)

Go To PDF Page Download Datasheet
QPB0618N Datasheet PDF - Qorvo, Inc

Part # QPB0618N
Download  QPB0618N Click to download

File Size   780.92 Kbytes
Page   10 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 6 – 18 GHz Wideband GaN Amplifier

QPB0618N Datasheet (HTML) - Qorvo, Inc


QPB0618N Product details

Product Features
• Frequency Range: 6 – 18 GHz
• Saturated Output Power: 53.9 dBm (PIN = 43 dBm)
• Large Signal Gain: 10.9 dB (PIN = 43 dBm)
• Solid State MMIC Reliability
• Multi-Element Redundancy
• Instant On (no warm-up)
• Integrated Bias Card
Performance is typical across frequency. Please
reference electrical specification table and data plots for
more details.




Similar Part No. - QPB0618N

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB0618J QORVO-QPB0618J Datasheet
646Kb / 15P
2 – 18 GHz GaN Driver Amplifier
March 2025
More results


Similar Description - QPB0618N

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CPA-18-6003 TELEDYNE-CPA-18-6003 Datasheet
894Kb / 2P
Amplifier 6 GHz - 18 GHz
CPA-18-6004 TELEDYNE-CPA-18-6004 Datasheet
894Kb / 2P
Amplifier 6 GHz - 18 GHz
CPA-18-6014 TELEDYNE-CPA-18-6014 Datasheet
894Kb / 2P
Amplifier 6 GHz - 18 GHz
logo
Custom MMIC Design Serv...
CMD216 MMIC-CMD216 Datasheet
194Kb / 8P
14-18 GHz GaN Power Amplifier
logo
Qorvo, Inc
QPB0220 QORVO-QPB0220 Datasheet
614Kb / 11P
2 ??18 GHz Wideband GaN SSPA
QPB0218 QORVO-QPB0218 Datasheet
614Kb / 11P
2 ??18 GHz Wideband GaN SSPA
TGA2963-CP QORVO-TGA2963-CP Datasheet
518Kb / 17P
6 ??18 GHz 20 W GaN Power Amplifier
CMD216 QORVO-CMD216 Datasheet
116Kb / 8P
14-18 GHz GaN Power Amplifier
QPB0220J QORVO-QPB0220J Datasheet
525Kb / 17P
2 – 18 GHz GaN Driver Amplifier
April 2022
QPB0220N QORVO-QPB0220N Datasheet
763Kb / 11P
2 - 18 GHz Wideband GaN Amplifier
Rev. C, April 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com