Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1424245 Datasheet (PDF) - PHOENIX CONTACT

1424245 Datasheet PDF - PHOENIX CONTACT
Part # 1424245
Download  1424245 Download
File Size   599.92 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-M12MSS/ 5,0-PUR PE SH - Power cable

1424245 Datasheet (PDF)

Go To PDF Page Download Datasheet
1424245 Datasheet PDF - PHOENIX CONTACT

Part # 1424245
Download  1424245 Click to download

File Size   599.92 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-M12MSS/ 5,0-PUR PE SH - Power cable

1424245 Datasheet (HTML) - PHOENIX CONTACT


1424245 Product details

Power cable, 4-position, PUR halogen-free, orange RAL 2003, shielded (Tinned copper-braided
shield, approx. 85% covering), Plug straight M12, coding: S, on free cable end, cable length: 5
m, for AC current up to 12 A/690 V

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Protection against incorrect connection using special S-coding
• Our standard: robust halogen-free PUR cable
• Shield power reliably – 360° shielding to reduce electromagnetic loads




Similar Part No. - 1424245

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1424240 PHOENIX-1424240 Datasheet
63Kb / 5P
Flush-type connector - SACC-DSI-M8MS-5CON-M8-L90DN
1424241 PHOENIX-1424241 Datasheet
63Kb / 5P
Flush-type connector - SACC-DSI-M8FS-5CON-M10-L180DN
1424242 PHOENIX-1424242 Datasheet
63Kb / 5P
Flush-type connector - SACC-DSI-M8MS-5CON-M8-L180DN
1424243 PHOENIX-1424243 Datasheet
64Kb / 5P
Flush-type connector - SACC-DSI-M8FS-6CON-M10-L90SH
1424244 PHOENIX-1424244 Datasheet
64Kb / 5P
Flush-type connector - SACC-DSI-M8MS-6CON-M8-L90SH
More results


Similar Description - 1424245

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1415204 PHOENIX-1415204 Datasheet
110Kb / 5P
Power cable - SAC-4P-MRT/ 5,0-PUR/FRT SH SCO
1417687 PHOENIX-1417687 Datasheet
114Kb / 5P
Power cable - SAC-4P-MST/ 5,0-PUR/FST SH SCO
1423650 PHOENIX-1423650 Datasheet
65Kb / 4P
Power cable - SAC-4P-M12MSS/3,0-PUR/FSSPESH
1423665 PHOENIX-1423665 Datasheet
65Kb / 4P
Power cable - SAC-4P-M12MSS/10,5-PUR/FSSPESH
1424122 PHOENIX-1424122 Datasheet
155Kb / 9P
Power cable - SAC-4P-M12MST/ 5,0-PUR SH
09/11/2020
1521986 PHOENIX-1521986 Datasheet
162Kb / 13P
Sensor/actuator cable - SAC-4P- 5,0-PUR/M 8FR SH
09/11/2020
1476846 PHOENIX-1476846 Datasheet
318Kb / 7P
SAC-4P-P12MR/ 5,0-PUR SH - Sensor/actuator cable
1476853 PHOENIX-1476853 Datasheet
318Kb / 7P
SAC-4P-P12MS/ 5,0-PUR SH - Sensor/actuator cable
1476838 PHOENIX-1476838 Datasheet
313Kb / 7P
SAC-4P- 5,0-PUR/P12FR SH - Sensor/actuator cable
1476842 PHOENIX-1476842 Datasheet
313Kb / 7P
SAC-4P- 5,0-PUR/P12FS SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com