Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9028 Datasheet (PDF) - Enercon Technologies Europe AG

9028 Datasheet PDF - Enercon Technologies Europe AG
Part # 9028
Download  9028 Download
File Size   830.83 Kbytes
Page   4 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description Military-Grade, 1GE and 10GE Managed 28-Port Ethernet Router/Switch

9028 Datasheet (PDF)

Go To PDF Page Download Datasheet
9028 Datasheet PDF - Enercon Technologies Europe AG

Part # 9028
Download  9028 Click to download

File Size   830.83 Kbytes
Page   4 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description Military-Grade, 1GE and 10GE Managed 28-Port Ethernet Router/Switch

9028 Datasheet (HTML) - Enercon Technologies Europe AG


9028 Product details

FEATURES DESCRIPTION
Ethernet is becoming the standard for IP-based
components in military and commercial applications
on land, sea and air platforms.
The MILTECH9028 is specifically designed for
battlefield C4ISR, voice, video, sensor data acquisition
and communications in platforms that handle large
quantities of real-time data. With 24 triple-speed
(10/100/1000Mbps) ports and 4 10Gbps fiber optic
ports, the MILTECH9028 is ideal for mobile platforms
and shipboard systems that deal with high resolution
video and other data-intensive signaling.
The MILTECH9028 features both L2/L3 network
switching and routing capabilities, including virtual
LANS (VLANS), traffic prioritization/QoS, IPv4/IPv6
support, and bandwidth aggregation. It supports all the
latest networking protocols for redundancy, security,
multicast, and management.
The MILTECH9028 offers the best performance and
combination of size, weight, and power (SWaP) in the
industry, saving valuable real estate for devices that
make mobile platforms highly effective.
The MILTECH9028 is MIL-STD, fully managed, and
military grade. Its 1GE/10GE transmission speeds and
24VDC power make it instantly compatible with network
devices and power systems. An optional redundant
power connection adds to overall system survivability.
Developed for military and harsh ground applications, the
MILTECH9028’s mechanical packaging enhancements
are designed for MIL-STD-810G airborne and ground
environmental compliance and high reliability. The unit
has been especially hardened to improve ingress, impact,
and shock/vibration protection, as well as eliminate
all moving parts through the use of passive cooling.
Sealed SCE2 Amphenol circular connectors give the
MILTECH9028 an IP67 rating.




Similar Part No. - 9028

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9028 ETC2-9028 Datasheet
326Kb / 1P
INSULATED PC SPACERS/SUPPORTS
logo
Heyco.
9028 HEYCO-9028 Datasheet
152Kb / 2P
Snap Rivets
9028-P HEYCO-9028-P Datasheet
152Kb / 2P
Snap Rivets
logo
TE Connectivity Ltd
90280-1 TEC-90280-1 Datasheet
111Kb / 4P
Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
logo
AUER Signal GmbH
902800900 AUERSIGNAL-902800900 Datasheet
583Kb / 7P
Eco-Modul 40 Signal tower
More results


Similar Description - 9028

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
MIL314 REDLION-MIL314 Datasheet
778Kb / 4P
Managed Layer 3 Military-Rated Ethernet Switch
logo
ORing Industrial Networ...
RGPS-R9244GP ORING-RGPS-R9244GP Datasheet
2Mb / 6P
Industrial Layer-3 28-port managed Gigabit PoE Ethernet switch
IES-3073GC ORING-IES-3073GC Datasheet
1Mb / 4P
Industrial 10-port managed Ethernet switch
IES-3082GC ORING-IES-3082GC Datasheet
1Mb / 4P
10-port managed Ethernet switch
IES-3082GP ORING-IES-3082GP Datasheet
1Mb / 4P
Industrial 10-port managed Ethernet switch
IES-3160 ORING-IES-3160 Datasheet
1Mb / 4P
Industrial 16-port managed Ethernet switch
TES-250-M12 ORING-TES-250-M12 Datasheet
4Mb / 4P
5-port lite-managed Ethernet switch
TES-3080-M12-BP2 ORING-TES-3080-M12-BP2 Datasheet
3Mb / 5P
8-port managed Ethernet switch
TES-3082GT-M12-BP1 ORING-TES-3082GT-M12-BP1 Datasheet
4Mb / 5P
10-port managed Ethernet switch
TES-3162GT-M12-BP1 ORING-TES-3162GT-M12-BP1 Datasheet
3Mb / 5P
18-port managed Ethernet switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com