Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27153A Datasheet (PDF) - Belden Inc.

27153A Datasheet PDF - Belden Inc.
Part # 27153A
Download  27153A Download
File Size   157.61 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description TC VN/PVC, 3G C #68 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC 90C Wet/Dry SUN RES DIR BUR

27153A Datasheet (PDF)

Go To PDF Page Download Datasheet
27153A Datasheet PDF - Belden Inc.

Part # 27153A
Download  27153A Click to download

File Size   157.61 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description TC VN/PVC, 3G C #68 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC 90C Wet/Dry SUN RES DIR BUR

27153A Datasheet (HTML) - Belden Inc.


27153A Product details

Product Description
UL Type TC (1277) PVC-Nylon/PVC, 3+G Conductor 6+8AWG (7x14+7x16) Bare Copper, PVC-NYL Insulation M4 Color Code, Black PVC Outer Jacket,
600V TC 90C Wet/Dry SUN RES DIR BUR




Similar Part No. - 27153A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
27153C MURATA-27153C Datasheet
141Kb / 3P
Surface Mount Power Inductors
More results


Similar Description - 27153A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
A03024R BELDEN-A03024R Datasheet
140Kb / 2P
TC VN/PVC, 3 C #2 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
04-08-2022
A03084B BELDEN-A03084B Datasheet
139Kb / 2P
TC VN/PVC, 3G C #8 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
12-22-2023
27149AX BELDEN-27149AX Datasheet
139Kb / 2P
TC VN/PVC, 2 C #8 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC 90C Dry/Wet SUN RES DIR BUR
12-22-2023
27159A BELDEN-27159A Datasheet
153Kb / 2P
TC VN/PVC, 3G C #26 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC 90C Dry/Wet SUN RES DIR BUR
12-22-2023
28150A BELDEN-28150A Datasheet
196Kb / 2P
TC VN/PVC, 3G C #810 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
12-22-2023
28153A BELDEN-28153A Datasheet
194Kb / 2P
TC VN/PVC, 3G C #68 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
12-22-2023
28153AX BELDEN-28153AX Datasheet
139Kb / 2P
TC VN/PVC, 3 C #6 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
A02064R BELDEN-A02064R Datasheet
139Kb / 2P
TC VN/PVC, 2 C #6 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC 90C Dry/Wet SUN RES DIR BUR
12-22-2023
28161A BELDEN-28161A Datasheet
153Kb / 2P
TC VN/PVC, 3G C #16 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
12-22-2023
A04084B BELDEN-A04084B Datasheet
148Kb / 2P
TC VN/PVC, 4G C #8 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
12-22-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com