Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFP4568 Datasheet (PDF) - Inchange Semiconductor Company Limited

IRFP4568 Datasheet PDF - Inchange Semiconductor Company Limited
Part # IRFP4568
Download  IRFP4568 Download
File Size   347.75 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description N-Channel MOSFET Transistor

IRFP4568 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP4568 Datasheet PDF - Inchange Semiconductor Company Limited

Part # IRFP4568
Download  IRFP4568 Click to download

File Size   347.75 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description N-Channel MOSFET Transistor

IRFP4568 Datasheet (HTML) - Inchange Semiconductor Company Limited


IRFP4568 Product details

FEATURES
· Drain Current -ID=171A@ TC=25℃
· Drain Source Voltage -VDSS=150V(Min)
· Static Drain-Source On-Resistance
-RDS(on) = 5.9mΩ(Max)@VGS= 10V
APPLICATIONS
·High Efficiency Synchronous Rectification in SMPS
·Uninterruptible Power Supply
·High Speed Power Switching
·Hard Switched And High Frequency Circuits




Similar Part No. - IRFP4568

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP4568PBF IRF-IRFP4568PBF Datasheet
325Kb / 8P
HEXFETPower MOSFET
IRFP4568PBF IRF-IRFP4568PBF Datasheet
325Kb / 8P
High Efficiency Synchronous Rectification in SMPS
logo
Inchange Semiconductor ...
IRFP4568PBF ISC-IRFP4568PBF Datasheet
326Kb / 2P
Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFP4568PBF IRF-IRFP4568PBF_15 Datasheet
325Kb / 8P
High Efficiency Synchronous Rectification in SMPS
logo
Infineon Technologies A...
IRFP4568PBP INFINEON-IRFP4568PBP Datasheet
325Kb / 8P
High Efficiency Synchronous Rectification in SMPS
09/08/08
More results


Similar Description - IRFP4568

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD025N06N ISC-IPD025N06N Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD040N03L ISC-IPD040N03L Datasheet
334Kb / 2P
N-Channel MOSFET Transistor
IPD50R399CP ISC-IPD50R399CP Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD50R800CE ISC-IPD50R800CE Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD088N06N3 ISC-IPD088N06N3 Datasheet
336Kb / 2P
N-Channel MOSFET Transistor
IPD090N03L ISC-IPD090N03L Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPP039N04L ISC-IPP039N04L Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IPP070N08N3 ISC-IPP070N08N3 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRF3256 ISC-IRF3256 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRL1404 ISC-IRL1404 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com