Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1704904 Datasheet (PDF) - PHOENIX CONTACT

1704904 Datasheet PDF - PHOENIX CONTACT
Part # 1704904
Download  1704904 Download
File Size   440.29 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPTA 1/13-3,5 - PCB terminal block

1704904 Datasheet (PDF)

Go To PDF Page Download Datasheet
1704904 Datasheet PDF - PHOENIX CONTACT

Part # 1704904
Download  1704904 Click to download

File Size   440.29 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPTA 1/13-3,5 - PCB terminal block

1704904 Datasheet (HTML) - PHOENIX CONTACT


1704904 Product details

PCB terminal block, nominal current: 9 A, rated voltage (III/2): 200 V, nominal cross section: 1
mm2, number of potentials: 13, number of rows: 1, number of positions per row: 13, product
range: SPTA 1/, pitch: 3.5 mm, connection method: Push-in spring connection, mounting: Wave
soldering, conductor/PCB connection direction: 65 °, color: green, Pin layout: Linear pinning,
Solder pin [P]: 3.5 mm, number of solder pins per potential: 1, type of packaging: packed in
cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive operation due to color-coded actuating push button
• Angled connection enables multi-row arrangement on the PCB
• Quick and convenient testing using integrated test option




Similar Part No. - 1704904

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
170490 FESTO-170490 Datasheet
88Kb / 1P
Mini slide
12/7/22
logo
PHOENIX CONTACT
1704907 PHOENIX-1704907 Datasheet
385Kb / 12P
FRONT 2,5-V/SA10/ 9 - PCB terminal block
More results


Similar Description - 1704904

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1703405 PHOENIX-1703405 Datasheet
74Kb / 3P
PCB terminal block - SPTA 1/ 5-3,5 BDMC:NZ
1752133 PHOENIX-1752133 Datasheet
83Kb / 5P
PCB terminal block - SPTA 1/ 5-3,5
1752159 PHOENIX-1752159 Datasheet
80Kb / 5P
PCB connection terminal block - SPTA 1/ 7-3,5
1752175 PHOENIX-1752175 Datasheet
80Kb / 5P
PCB connection terminal block - SPTA 1/ 9-3,5
1752201 PHOENIX-1752201 Datasheet
123Kb / 6P
PCB terminal block - SPTA 1/12-3,5
1752117 PHOENIX-1752117 Datasheet
142Kb / 9P
PCB terminal block - SPTA 1/ 3-3,5
09/11/2020
1752104 PHOENIX-1752104 Datasheet
447Kb / 11P
PCB terminal block - SPTA 1/ 2-3,5
Sep 8, 2022
1752188 PHOENIX-1752188 Datasheet
447Kb / 11P
PCB terminal block - SPTA 1/10-3,5
Nov 30, 2022
1752120 PHOENIX-1752120 Datasheet
455Kb / 11P
PCB terminal block - SPTA 1/ 4-3,5
Jan 3, 2023
1752146 PHOENIX-1752146 Datasheet
447Kb / 11P
PCB terminal block - SPTA 1/ 6-3,5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com