Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1818287 Datasheet (PDF) - PHOENIX CONTACT

1818287 Datasheet PDF - PHOENIX CONTACT
Part # 1818287
Download  1818287 Download
File Size   697.26 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCV 1,5/12-GF-3,81-LR - PCB header

1818287 Datasheet (PDF)

Go To PDF Page Download Datasheet
1818287 Datasheet PDF - PHOENIX CONTACT

Part # 1818287
Download  1818287 Click to download

File Size   697.26 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCV 1,5/12-GF-3,81-LR - PCB header

1818287 Datasheet (HTML) - PHOENIX CONTACT


1818287 Product details

PCB headers, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Pin, number of potentials: 12,
number of rows: 1, number of positions: 12, number of connections: 12, product range: MCV
1,5/..-GF-LR, pitch: 3.81 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin
[P]: 3.4 mm, number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin
connector pattern alignment: Standard, locking: Snap-in locking, mounting: Lock & release
threaded flange, type of packaging: packed in cardboard

Your advantages
• Well-known mounting principle allows worldwide use
• Screwable flange for superior mechanical stability
• Automatic locking and intuitive release through Lock and Release operating lever in contrasting color
• Vertical connection enables multi-row arrangement on the PCB
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1818287

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1818203 PHOENIX-1818203 Datasheet
701Kb / 13P
MCV 1,5/ 4-GF-3,81-LR - PCB header
1818216 PHOENIX-1818216 Datasheet
94Kb / 4P
Base strip - MCV 1,5/ 5-GF-3,81-LR
1818229 PHOENIX-1818229 Datasheet
701Kb / 13P
MCV 1,5/ 6-GF-3,81-LR - PCB header
1818232 PHOENIX-1818232 Datasheet
666Kb / 11P
MCV 1,5/ 7-GF-3,81-LR - PCB header
1818245 PHOENIX-1818245 Datasheet
700Kb / 13P
MCV 1,5/ 8-GF-3,81-LR - PCB header
More results


Similar Description - 1818287

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1830703 PHOENIX-1830703 Datasheet
167Kb / 9P
Feed-through header - MCV 1,5/13-GF-3,81
1830729 PHOENIX-1830729 Datasheet
145Kb / 5P
MCV 1,5/15-GF-3,81
1830732 PHOENIX-1830732 Datasheet
145Kb / 5P
MCV 1,5/16-GF-3,81
1844951 PHOENIX-1844951 Datasheet
159Kb / 9P
Feed-through header - MCV 1,5/19-GF-3,81
1818216 PHOENIX-1818216 Datasheet
94Kb / 4P
Base strip - MCV 1,5/ 5-GF-3,81-LR
1818180 PHOENIX-1818180 Datasheet
161Kb / 8P
Feed-through header - MCV 1,5/ 2-GF-3,81-LR
09/11/2020
1844935 PHOENIX-1844935 Datasheet
146Kb / 9P
Feed-through header - MCV 1,5/17-GF-3,81
09/12/2020
1830622 PHOENIX-1830622 Datasheet
979Kb / 16P
PCB header - MCV 1,5/ 5-GF-3,81
Jul 20, 2022
1830606 PHOENIX-1830606 Datasheet
979Kb / 16P
PCB header - MCV 1,5/ 3-GF-3,81
Jul 20, 2022
1818054 PHOENIX-1818054 Datasheet
519Kb / 12P
MCV 1,5/ 8-GF-3,5-LR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com