Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CME Datasheet (PDF) - Murata Power Solutions Inc.

CME Datasheet PDF - Murata Power Solutions Inc.
Part # CME
Download  CME Download
File Size   312.11 Kbytes
Page   13 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Isolated 0.75W Single Output Isolated DC-DC Converters

CME Datasheet (PDF)

Go To PDF Page Download Datasheet
CME Datasheet PDF - Murata Power Solutions Inc.

Part # CME
Download  CME Click to download

File Size   312.11 Kbytes
Page   13 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Isolated 0.75W Single Output Isolated DC-DC Converters

CME Datasheet (HTML) - Murata Power Solutions Inc.


CME Product details

Short circuit protection options
UL 60950 recognised
Single isolated output
1kVDC or 3kVDC option ‘Hi Pot Test’
Wide temperature performance at full
0.75W load -40°C to 85°C
Industry standard pinout
3.3V & 5V inputs
3.3V, 5V & 12V outputs
Pin Compatible with LME, MEE1, MEE3,
NKE, NME & NML series




Similar Part No. - CME

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
CME MURATA-PS-CME Datasheet
361Kb / 11P
Isolated 0.75W Single Output Isolated DC/DC Converters
logo
Advanced Energy Industr...
CME ADVANCEDENERGY-CME Datasheet
877Kb / 7P
EXCELSYS COOLX® MODULES INTELLIGENT MODULAR POWER SUPPLIES
10.20
logo
CUI INC
CME-1538-100LB CUI-CME-1538-100LB Datasheet
201Kb / 4P
ELECTRET CONDENSER MICROPHONE
logo
CUI Devices
CME-1538-100LB CUID-CME-1538-100LB Datasheet
367Kb / 3P
AUDIO KIT
10/26/2022
CME-1538-100LB CUID-CME-1538-100LB Datasheet
554Kb / 4P
ELECTRET CONDENSER MICROPHONE
08/05/2022
More results


Similar Description - CME

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
Isolated 1W Single Output DC-DC Converters
NML CANDD-NML Datasheet
100Kb / 2P
Isolated 2W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
Isolated 3W Single Output DC/DC Converters
KDC_NMG MURATA-KDC_NMG Datasheet
138Kb / 4P
Isolated 2W Single Output DC/DC Converters
NPH15S2405IC MURATA-NPH15S2405IC Datasheet
254Kb / 8P
Isolated 15W Single Output DC/DC Converters
logo
Murata Power Solutions ...
CME MURATA-PS-CME Datasheet
361Kb / 11P
Isolated 0.75W Single Output Isolated DC/DC Converters
CMR MURATA-PS-CMR Datasheet
297Kb / 11P
Isolated 0.75W Single and Dual Output Isolated DC/DC Converters
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
Isolated 1W Single Output Isolated DC-DC Converters
logo
GAPTEC Electronic GmbH ...
0.75S4A GAPTEC-0.75S4A Datasheet
1Mb / 3P
0.75W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
0.75T8A GAPTEC-0.75T8A Datasheet
1Mb / 3P
0.75W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com