Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGA50D Datasheet (PDF) - Advanced Energy Industries, Inc.

LGA50D Datasheet PDF - Advanced Energy Industries, Inc.
Part # LGA50D
Download  LGA50D Download
File Size   749.93 Kbytes
Page   10 Pages
Manufacturer  ADVANCEDENERGY [Advanced Energy Industries, Inc.]
Direct Link  https://www.advancedenergy.com/ko-kr/
Logo ADVANCEDENERGY - Advanced Energy Industries, Inc.
Description Dual O/P Non-isolated 50 A Digital DC/DC Converter

LGA50D Datasheet (PDF)

Go To PDF Page Download Datasheet
LGA50D Datasheet PDF - Advanced Energy Industries, Inc.

Part # LGA50D
Download  LGA50D Click to download

File Size   749.93 Kbytes
Page   10 Pages
Manufacturer  ADVANCEDENERGY [Advanced Energy Industries, Inc.]
Direct Link  https://www.advancedenergy.com/ko-kr/
Logo ADVANCEDENERGY - Advanced Energy Industries, Inc.
Description Dual O/P Non-isolated 50 A Digital DC/DC Converter

LGA50D Datasheet (HTML) - Advanced Energy Industries, Inc.


LGA50D Product details

SPECIAL FEATURES
 Two-phase design
 Dual or single output configuration
possible
 High efficiency up to 95.5%
 Small size 1” x 0.5” x 0.48” (LxWxH)
 No minimum load requirement
 Wide operating temperature range
 Exceptional power density
 Analog or digital control
 Automatic loop compensation
 IPC9592B compliant @ Vin = 12 Vdc
 Tape and reel packaging
 Reflow compatible
 Possible to stack up to 4 for 200 A
 I-mon and T-mon suported
 Two (2) variants supported:
· Block pin termination
· Solder bump termination
 Two year shelf life




Similar Part No. - LGA50D

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LGA NICHICON-LGA Datasheet
674Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS
Sep. 2024
logo
Torex Semiconductor
LGA-4B01 TOREX-LGA-4B01 Datasheet
309Kb / 4P
Packaging Information / Reference Pattern Layout Dimensions
LGA-6A01 TOREX-LGA-6A01 Datasheet
192Kb / 3P
Packaging Information / Reference Pattern Layout Dimensions
LGA-8B01 TOREX-LGA-8B01 Datasheet
147Kb / 2P
Reference Pattern Layout Dimensions
logo
Artesyn Technologies
LGA-HTSK-KIT-045 ARTESYN-LGA-HTSK-KIT-045 Datasheet
712Kb / 4P
15 - 100 Watts POWER
More results


Similar Description - LGA50D

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
NON-ISOLATED DC/DC CONVERTER
XRAH-01HXX0 BEL-XRAH-01HXX0 Datasheet
374Kb / 10P
NON-ISOLATED DC/DC CONVERTER
logo
Emerson Network Power
NXI150 EMERSON-NETWORKPOWER-NXI150 Datasheet
247Kb / 4P
non-isolated dc-dc converter
logo
Isahaya Electronics Cor...
M57182N-315F ISAHAYA-M57182N-315F Datasheet
245Kb / 5P
NON ISOLATED DC-DC CONVERTER
M57184N-516AF ISAHAYA-M57184N-516AF Datasheet
225Kb / 4P
NON-ISOLATED DC-DC CONVERTER
VLA417-133R ISAHAYA-VLA417-133R Datasheet
614Kb / 6P
NON ISOLATED DC-DC CONVERTER
VLA417-153R ISAHAYA-VLA417-153R Datasheet
475Kb / 7P
NON ISOLATED DC-DC CONVERTER
logo
Artesyn Technologies
LGA80D-00DADJJ ARTESYN-LGA80D-00DADJJ Datasheet
587Kb / 6P
Dual O/P Non-isolated 80 A Digital DC/DC Converter
logo
Bel Fuse Inc.
SLDM-06D1AX BEL-SLDM-06D1AX Datasheet
4Mb / 49P
Non-Isolated DC-DC Converter
SLDN-12D1AX BEL-SLDN-12D1AX Datasheet
4Mb / 49P
Non-Isolated DC-DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com