Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1909841 Datasheet (PDF) - PHOENIX CONTACT

1909841 Datasheet PDF - PHOENIX CONTACT
Part # 1909841
Download  1909841 Download
File Size   1084.63 Kbytes
Page   24 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCVR 2,5/15-ST - PCB connector

1909841 Datasheet (PDF)

Go To PDF Page Download Datasheet
1909841 Datasheet PDF - PHOENIX CONTACT

Part # 1909841
Download  1909841 Click to download

File Size   1084.63 Kbytes
Page   24 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCVR 2,5/15-ST - PCB connector

1909841 Datasheet (HTML) - PHOENIX CONTACT


1909841 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Socket, number of potentials:
15, number of rows: 1, number of positions: 15, number of connections: 15, product range:
FKCVR 2,5/..-ST, pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 90 °, locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5,
locking: without, mounting: without, type of packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Intuitive operation due to color-coded actuating push button
• Quick and convenient testing using integrated test option
• Can be combined with the MSTB 2,5 range




Similar Part No. - 1909841

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
190984 FESTO-190984 Datasheet
76Kb / 1P
Vacuum cup without connector
6/19/22
More results


Similar Description - 1909841

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1792650 PHOENIX-1792650 Datasheet
150Kb / 6P
MVSTBW 2,5/15-ST
1909838 PHOENIX-1909838 Datasheet
144Kb / 6P
FKCVR 2,5/14-ST
1768888 PHOENIX-1768888 Datasheet
122Kb / 5P
SMSTB 2,5/15-ST
1947560 PHOENIX-1947560 Datasheet
42Kb / 2P
Printed-circuit board connector - FKCVR 2,5/ 6-ST-RF
1967922 PHOENIX-1967922 Datasheet
62Kb / 4P
Printed-circuit board connector - FKCVR 2,5/ 5-ST-5,08 AU
1786307 PHOENIX-1786307 Datasheet
806Kb / 21P
PCB connector - IC 2,5/15-ST-5,08
Jan 3, 2023
1874099 PHOENIX-1874099 Datasheet
530Kb / 16P
PCB connector - FKCVR 2,5/16-ST-5,08
Jan 5, 2023
1925993 PHOENIX-1925993 Datasheet
434Kb / 13P
FKIC 2,5/15-ST-5,08-RN - PCB connector
1909760 PHOENIX-1909760 Datasheet
1Mb / 24P
FKCVR 2,5/ 7-ST - PCB connector
1732865 PHOENIX-1732865 Datasheet
1Mb / 25P
FKCN 2,5/15-ST - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com