Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPC2040SR Datasheet (PDF) - Qorvo, Inc

QPC2040SR Datasheet PDF - Qorvo, Inc
Part # QPC2040SR
Download  QPC2040SR Download
File Size   970.1 Kbytes
Page   18 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description X-Band 10 W GaN SPDT Switch

QPC2040SR Datasheet (PDF)

Go To PDF Page Download Datasheet
QPC2040SR Datasheet PDF - Qorvo, Inc

Part # QPC2040SR
Download  QPC2040SR Click to download

File Size   970.1 Kbytes
Page   18 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description X-Band 10 W GaN SPDT Switch

QPC2040SR Datasheet (HTML) - Qorvo, Inc


QPC2040SR Product details

Key Features
• SPDT
• Frequency Range: 8 to 12 GHz
• Input Power: 10 W
• Insertion Loss: < 1.2 dB
• Isolation: >30 dB Typical
• Switching Speed: 35 ns
• Control Voltages: 0 V/−28 V
• Redundant Control Lines
• Package Dimensions: 3 x 4.5 x 1.05 mm
Performance is typical across frequency. Please
reference electrical specification table and data plots
for more details.




Similar Part No. - QPC2040SR

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPC2108 TRIQUINT-QPC2108 Datasheet
709Kb / 12P
2.5-4GHz 6-Bit Digital Phase Shifter
logo
Qorvo, Inc
QPC2108 QORVO-QPC2108 Datasheet
709Kb / 12P
2.5-4GHz 6-Bit Digital Phase Shifter
March 25, 2017
logo
TriQuint Semiconductor
QPC2108EVB01 TRIQUINT-QPC2108EVB01 Datasheet
709Kb / 12P
2.5-4GHz 6-Bit Digital Phase Shifter
logo
Qorvo, Inc
QPC2108EVB01 QORVO-QPC2108EVB01 Datasheet
709Kb / 12P
2.5-4GHz 6-Bit Digital Phase Shifter
March 25, 2017
QPC2511 QORVO-QPC2511 Datasheet
1Mb / 25P
2.0 – 11.0 GHz 30W GaN SP3T Switch
Rev B. June 08, 2020
More results


Similar Description - QPC2040SR

ManufacturerPart #DatasheetDescription
logo
NEC
UPG155TB NEC-UPG155TB Datasheet
68Kb / 12P
L-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2012TK CEL-UPG2012TK Datasheet
363Kb / 8P
W SINGLE CONTROL L, S-BAND SPDT SWITCH
logo
Filtronic Compound Semi...
FMS2031-001 FILTRONIC-FMS2031-001 Datasheet
248Kb / 7P
10 Watt GaAs Wide Band SPDT Switch
logo
NEC
UPG2155TB NEC-UPG2155TB Datasheet
73Kb / 8P
L-BAND 4 W HIGH POWER SPDT SWITCH
logo
California Eastern Labs
UPG2155TB CEL-UPG2155TB_09 Datasheet
184Kb / 7P
L-BAND 4 W HIGH POWER SPDT SWITCH
logo
Cree, Inc
CGH55015F2 CREE-CGH55015F2 Datasheet
1Mb / 11P
10 W, C-band, Unmatched, GaN HEMT
Rev 4.0
logo
TriQuint Semiconductor
TGM2635-CP TRIQUINT-TGM2635-CP Datasheet
1Mb / 14P
X-Band 100 W GaN Power Amplifier
logo
Teledyne Technologies I...
MSX025BADNC TELEDYNE-MSX025BADNC Datasheet
970Kb / 4P
X-Band GaN SSPA
logo
Qorvo, Inc
TGM2635-CP QORVO-TGM2635-CP Datasheet
974Kb / 14P
X-Band 100 W GaN Power Amplifier
September 2018
logo
WOLFSPEED, INC.
CGH55015F2-P2 WOLFSPEED-CGH55015F2-P2 Datasheet
3Mb / 11P
10 W, C-Band, Unmatched, GaN HEMT
Rev. 4.2, 2022-12-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com