Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1810159 Datasheet (PDF) - PHOENIX CONTACT

1810159 Datasheet PDF - PHOENIX CONTACT
Part # 1810159
Download  1810159 Download
File Size   324.46 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description IC 2,5/ 6-STF-5,08 EX - PCB connector

1810159 Datasheet (PDF)

Go To PDF Page Download Datasheet
1810159 Datasheet PDF - PHOENIX CONTACT

Part # 1810159
Download  1810159 Click to download

File Size   324.46 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description IC 2,5/ 6-STF-5,08 EX - PCB connector

1810159 Datasheet (HTML) - PHOENIX CONTACT


1810159 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, contact
surface: Tin, contact connection type: Pin, number of potentials: 6, number of rows: 1, number of
positions: 6, number of connections: 6, product range: IC 2,5/..-STF-EX, pitch: 5.08 mm,
connection method: Screw connection with tension sleeve, screw head form: L Slotted,
conductor/PCB connection direction: 0 °, locking clip: - without locking clip, plug-in system:
COMBICON MSTB 2,5 EX, locking: Screw locking mechanism, mounting: Screw flange, type of
packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Inverted connector with pin contacts for touch-proof device outputs or free-hanging cable/cable connections
• Screwable flange for superior mechanical stability
• Satisfies the more stringent safety requirements of “Ex eb” protection according to IEC 60079-7 for potentially explosive areas
• Easy PCB replacement thanks to plug-in modules




Similar Part No. - 1810159

ManufacturerPart #DatasheetDescription
logo
Extreme Networks.
18101 EXTREMENETWORKS-18101 Datasheet
212Kb / 6P
Simplified edge switch operation leveraging the power of ExtremeXOS® aggregation switches
12sep23
logo
Evolt
18101 EKTOR-18101 Datasheet
275Kb / 3P
RAZOR PRO
5th of February 2025 07:46:18
logo
PHOENIX CONTACT
1810104 PHOENIX-1810104 Datasheet
386Kb / 13P
GMVSTBW 2,5/12-STF-7,62 EX - PCB connector
1810133 PHOENIX-1810133 Datasheet
90Kb / 4P
Printed-circuit board connector - IC 2,5/ 4-STF-5,08 EX
1810146 PHOENIX-1810146 Datasheet
325Kb / 12P
IC 2,5/ 5-STF-5,08 EX - PCB connector
More results


Similar Description - 1810159

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1810175 PHOENIX-1810175 Datasheet
116Kb / 7P
Printed-circuit board connector - IC 2,5/ 8-STF-5,08 EX
1825349 PHOENIX-1825349 Datasheet
713Kb / 16P
PCB connector - IC 2,5/ 5-STF-5,08
Jan 10, 2023
1795556 PHOENIX-1795556 Datasheet
400Kb / 13P
PCB connector - MSTB 2,5/ 2-STF-5,08 EX
Jan 4, 2023
1861506 PHOENIX-1861506 Datasheet
424Kb / 14P
PCB connector - FKCOR 2,5/ 6-STF-5,08
Jan 10, 2023
1754830 PHOENIX-1754830 Datasheet
1Mb / 21P
PCB connector - FKCN 2,5/ 6-STF-5,08
1971109 PHOENIX-1971109 Datasheet
726Kb / 17P
PCB connector - SMSTB 2,5/ 6-STF-5,08
1860811 PHOENIX-1860811 Datasheet
422Kb / 14P
FKCOW 2,5/ 6-STF-5,08 - PCB connector
1795637 PHOENIX-1795637 Datasheet
406Kb / 13P
MSTB 2,5/10-STF-5,08 EX - PCB connector
1825381 PHOENIX-1825381 Datasheet
618Kb / 15P
IC 2,5/ 9-STF-5,08 - PCB connector
1825420 PHOENIX-1825420 Datasheet
644Kb / 16P
IC 2,5/13-STF-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com