Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MYBSC0128CABT Datasheet (PDF) - Murata Power Solutions Inc.

MYBSC0128CABT Datasheet PDF - Murata Power Solutions Inc.
Part # MYBSC0128CABT
Download  MYBSC0128CABT Download
File Size   889.57 Kbytes
Page   14 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description DC-DC Converter

MYBSC0128CABT Datasheet (PDF)

Go To PDF Page Download Datasheet
MYBSC0128CABT Datasheet PDF - Murata Power Solutions Inc.

Part # MYBSC0128CABT
Download  MYBSC0128CABT Click to download

File Size   889.57 Kbytes
Page   14 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description DC-DC Converter

MYBSC0128CABT Datasheet (HTML) - Murata Power Solutions Inc.


MYBSC0128CABT Product details

Feature:
1/16th Brick type
Vin 36Vdc-75Vdc
Vout 12Vdc
I out 8.3Adc
100W




Similar Part No. - MYBSC0128CABT

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MYBSP00502ABF MURATA-PS-MYBSP00502ABF Datasheet
1Mb / 18P
Isolated DC-DC converter for PoE PD
2023
MYBSP0055AABFT MURATA-PS-MYBSP0055AABFT Datasheet
1Mb / 16P
Isolated DC DC-DC converter for PoE PoE PD
2018
MYBSP0055AABFT+CB MURATA-PS-MYBSP0055AABFT+CB Datasheet
1Mb / 16P
Isolated DC DC-DC converter for PoE PoE PD
2018
logo
Murata Manufacturing Co...
MYBSP01201ABF MURATA-MYBSP01201ABF Datasheet
779Kb / 12P
Isolated DC-DC converter for PoEPD
logo
Murata Power Solutions ...
MYBSP01201ABF MURATA-PS-MYBSP01201ABF Datasheet
1Mb / 18P
Isolated DC-DC converter for PoE PD
2023
More results


Similar Description - MYBSC0128CABT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com