Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLRC661 Datasheet (PDF) - NXP Semiconductors

CLRC661 Datasheet PDF - NXP Semiconductors
Part # CLRC661_V01
Download  CLRC661 Download
File Size   1560.49 Kbytes
Page   146 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High performance NFC frontend CLRC661 plus

CLRC661 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLRC661 Datasheet PDF - NXP Semiconductors

Part # CLRC661_V01
Download  CLRC661 Click to download

File Size   1560.49 Kbytes
Page   146 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High performance NFC frontend CLRC661 plus

CLRC661 Datasheet (HTML) - NXP Semiconductors


CLRC661 Product details

1 General description
CLRC661, the high performance multiprotocol NFC frontend.
The CLRC661 multiprotocol NFC frontend IC supports the following operating modes
• Read/write mode supporting ISO/IEC 14443 type A and MIFARE Classic communication mode
• Read/write mode supporting ISO/IEC 15693
• Read/write mode supporting ICODE EPC UID/ EPC OTP
• Read/write mode supporting ISO/IEC 18000-3 mode 3/ EPC Class-1 HF
The CLRC661’s internal transmitter is able to drive a reader/writer antenna designed to communicate with ISO/
IEC 14443A and MIFARE Classic IC-based cards and transponders without additional active circuitry. The
digital module manages the complete ISO/IEC 14443A framing and error detection functionality (parity and
CRC).
The CLRC661 supports the communication of MIFARE Classic with 1K memory, MIFARE Classic with 4K
memory, MIFARE Ultralight, MIFARE Ultralight C, MIFARE Plus, and MIFARE DESFire products. The CLRC661
supports higher transfer speeds of the MIFARE family up to 848 kbit/s in both directions.
The CLRC661 supports the vicinity protocol according to ISO/IEC15693, EPC UID and ISO/IEC 18000-3 mode
3/ EPC Class-1 HF.
The following host interfaces are supported:
• Serial Peripheral Interface (SPI)
• Serial UART (similar to RS232 with voltage levels dependent on pin voltage supply)
• I2C-bus interface (two versions are implemented: I2C and I2CL)
The CLRC661 supports the connection of a secure access module (SAM). A dedicated separate I2C interface is implemented for a connection of the SAM. The SAM can be used for high secure key storage and acts as a very performant cryptocoprocessor. A dedicated SAM is available for connection to the CLRC661. In this document, the term „MIFARE Classic card“ refers to a MIFARE Classic IC-based contactless card.

2 Features and benefits
• Includes NXP ISO/IEC14443-A intellectual property licensing rights
• High performance multiprotocol NFC frontend for transfer speed up to 848 kbit/s
• Supports ISO/IEC 14443 A
• MIFARE Classic encryption supported by hardware
• Allows reading cards based on MIFARE Ultralight, MIFARE Classic with 1K memory, MIFARE Classic with 4K
memory, MIFARE DESFire EV1, MIFARE DESFire EV2 and MIFARE Plus ICs
• Supports ISO/IEC15693, ICODE EPC UID, and ISO/IEC 18000-3 mode 3/ EPC Class-1 HF
• Low-Power Card Detection
• Supported host interfaces:
– SPI up to 10 Mbit/s
– I2C-bus interfaces up to 400 kBd in Fast mode, up to 1000 kBd in Fast mode plus
– RS232 Serial UART up to 1228.8 kBd, with voltage levels dependent on pin voltage supply
• Separate I2C-bus interface for connection of a secure access module (SAM)
• FIFO buffer with size of 512 bytes for highest transaction performance
• Flexible and efficient power-saving modes including hard power down, standby, and low-power card detection
• Cost saving by integrated PLL to derive system clock from 27.12 MHz RF quartz crystal
• 2.5 V to 5.5 V power supply
• Up to 8 free programmable input/output pins
• Typical operating distance in read/write mode for communication to a ISO/IEC 14443 type A and MIFARE
Classic card up to 12 cm, depending on the antenna size and tuning

3 Applications
• ISO/IEC 14443 reader
• ISO/IEC 15693 reader
• Reader for MIFARE product-based cards
• Reader for NTAG and NTAG 5 based products
• Gaming




Similar Part No. - CLRC661_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC66103HN NXP-CLRC66103HN Datasheet
1Mb / 152P
High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
CLRC66103HNR NXP-CLRC66103HNR Datasheet
1Mb / 152P
High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
CLRC66103HNT NXP-CLRC66103HNT Datasheet
1Mb / 152P
High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
CLRC66103HNTRAYB NXP-CLRC66103HNTRAYB Datasheet
1Mb / 152P
High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
More results


Similar Description - CLRC661_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SLRC610 NXP-SLRC610 Datasheet
1Mb / 145P
High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 4.5-27 June 2018
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
NFC frontend
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN5190 NXP-PN5190_V01 Datasheet
2Mb / 309P
NFC frontend
Rev. 3.3 ??19 April 2022
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5190B1 NXP-PN5190B1 Datasheet
2Mb / 342P
NFC frontend
Rev. 3.6 - 15 May 2023
PN5190B2 NXP-PN5190B2 Datasheet
2Mb / 341P
NFC frontend
Rev. 3.0 - 15 May 2023
PN5190B2 NXP-PN5190B2_V01 Datasheet
2Mb / 341P
NFC frontend
Rev. 3.1 - 1 June 2023
PN5190B1 NXP-PN5190B1_V01 Datasheet
2Mb / 426P
NFC frontend
Rev. 3.7 - 6 November 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com