Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFRC63002HN Datasheet (PDF) - NXP Semiconductors

MFRC63002HN Datasheet PDF - NXP Semiconductors
Part # MFRC63002HN
Download  MFRC63002HN Download
File Size   1537.88 Kbytes
Page   137 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MFRC630 and MFRC630 plus: High-performance frontend for MIFARE and NTAG products

MFRC63002HN Datasheet (PDF)

Go To PDF Page Download Datasheet
MFRC63002HN Datasheet PDF - NXP Semiconductors

Part # MFRC63002HN
Download  MFRC63002HN Click to download

File Size   1537.88 Kbytes
Page   137 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MFRC630 and MFRC630 plus: High-performance frontend for MIFARE and NTAG products

MFRC63002HN Datasheet (HTML) - NXP Semiconductors


MFRC63002HN Product details

1 General description
MFRC630 and MFRC630 plus, the high-performance frontend for MIFARE and NTAG products.
The MFRC630 multi-protocol NFC frontend IC supports the following operating modes:
• Read/write mode supporting ISO/IEC 14443A and MIFARE Classic
• Read/write mode supporting NTAG
The MFRC630’s internal transmitter is able to drive a reader/writer antenna designed to communicate with ISO/
IEC 14443A and MIFARE Cassic IC-based cards and transponders without additional active circuitry. The digital
module manages the complete ISO/IEC 14443A framing and error detection functionality (parity and CRC).
The MFRC630 supports MIFARE Classic with 1K memory, MIFARE Classic with 4K memory, MIFARE Ultralight,
MIFARE Ultralight C, MIFARE Plus and MIFARE DESFire products. The MFRC630 supports higher transfer
speeds of the MIFARE product family of up to 848 kbit/s in both directions.
The following host interfaces are supported:
• Serial Peripheral Interface (SPI)
• Serial UART (similar to RS232 with voltage levels dependent on pin voltage supply)
• I2C-bus interface (two versions are implemented: I2C and I2CL)
The MFRC630 supports the connection of a secure access module (SAM). A dedicated separate I2C interface is
implemented for a connection of the SAM. The SAM can be used for high secure key storage and acts as a very
performant crypto coprocessor. A dedicated SAM is available for connection to the MFRC630.
In this document the term „MIFARE Classic card“ refers to a MIFARE Classic IC-based contactless card.

2 Features and benefits
• High-performance multi-protocol NFC frontend for transfer speed up to 848 kbit/s
• Supports ISO/IEC 14443 A, MIFARE Classic and NTAG
• Supports MIFARE Classic product encryption by hardware in read/write mode
Allows reading cards based on MIFARE Ultralight, MIFARE Classic with 1 kB memory , MIFARE Classic with
4 kB memory, MIFARE DESFire EV1, MIFARE DESFire EV2 and MIFARE Plus ICs
• Low-power card detection
• Antenna connection with minimum number of external components
• Supported host interfaces:
– SPI up to 10 Mbit/s
– I2C-bus interfaces up to 400 kBd in Fast mode, up to 1000 kBd in Fast mode plus
– RS232 Serial UART up to 1228.8 kBd, with voltage levels dependent on pin voltage supply
• Separate I2C-bus interface for connection of a secure access module (SAM)
• FIFO buffer with size of 512 byte for highest transaction performance
• Flexible and efficient power saving modes including hard power down, standby and low-power card detection
• Cost saving by integrated PLL to derive system clock from 27.12 MHz RF quartz crystal
• 3 V to 5.5 V power supply (MFRC63002)
2.5 V to 5.5 V power supply (MFRC63003)
• Up to 8 free programmable input/output pins
• Typical operating distance in read/write mode for communication to a ISO/IEC 14443A and MIFARE Classic
card up to 12 cm, depending on the antenna size and tuning. The version MFRC63003 offers a more
flexible configuration for Low-Power Card detection compared to the MFRC63002 with the new register
LPCD_OPTIONS. In addition, the MFRC63003 offers new additional settings for the Load Protocol which fit
very well to smaller antennas. The MFRC63003 is therefore the recommended version for new designs.

3 Applications
• Industrial
• Access control
• Gaming




Similar Part No. - MFRC63002HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC63002HN NXP-MFRC63002HN Datasheet
1Mb / 118P
Contactless reader IC
Rev. 3.1-6 September 2012
More results


Similar Description - MFRC63002HN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB43AA82A TI-TSB43AA82A Datasheet
741Kb / 147P
1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
logo
Freescale Semiconductor...
PCIMX515DJM8C FREESCALE-PCIMX515DJM8C Datasheet
4Mb / 202P
Processors for Consumer and Industrial Products
logo
Lumileds Lighting Compa...
WP17 LUMILEDS-WP17 Datasheet
688Kb / 12P
for high-power LEDs and solid state lighting products
logo
NXP Semiconductors
SLRC610 NXP-SLRC610 Datasheet
1Mb / 145P
High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 4.5-27 June 2018
MFRC631 NXP-MFRC631 Datasheet
1Mb / 149P
High-performance ISO/IEC 14443 A/B frontend MFRC631 and MFRC631 plus
Rev.4.5-12 September 2018
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
logo
Kingston Technology Far...
MLP KINGSTON-MLP Datasheet
299Kb / 2P
MOBILELITE PLUS SD READER Next-Level Speed and Performance
logo
NXP Semiconductors
MF1PX1Y1 NXP-MF1PX1Y1 Datasheet
246Kb / 33P
MIFARE Plus EV1
Rev.3.2-6 December2018
MF1SEP10X1 NXP-MF1SEP10X1 Datasheet
160Kb / 17P
MIFARE PLUS SE - Secure contactless smart card IC for seamless migration
Rev.3.1-16 March2017
NT3H2111_2211 NXP-NT3H2111_2211 Datasheet
866Kb / 84P
NTAG I2C plus: NFC Forum T2T with I2C interface, password protection and energy harvesting
Rev. 3.6 - 21 July 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com