Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28160A Datasheet (PDF) - Belden Inc.

28160A Datasheet PDF - Belden Inc.
Part # 28160A
Download  28160A Download
File Size   198.92 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description TC VN/PVC, 4G C #26 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR

28160A Datasheet (PDF)

Go To PDF Page Download Datasheet
28160A Datasheet PDF - Belden Inc.

Part # 28160A
Download  28160A Click to download

File Size   198.92 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description TC VN/PVC, 4G C #26 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR

28160A Datasheet (HTML) - Belden Inc.


28160A Product details

Product Description
UL Type TC (1277) PVC-Nylon/PVC, 4+G Conductor 2+6AWG (7x10+7x14) Bare Copper, PVC-NYL Insulation M4 Color Code, Black PVC Outer Jacket,
600V TC-ER 90C Dry/Wet SUN RES DIR BUR




Similar Part No. - 28160A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
28160 ETC2-28160 Datasheet
128Kb / 1P
Wiha Drive-Loc VI Blades
logo
Festo Corporation.
2816068 FESTO-2816068 Datasheet
68Kb / 1P
Adapter kit
More results


Similar Description - 28160A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
28156AX BELDEN-28156AX Datasheet
139Kb / 2P
TC VN/PVC, 3 C #4 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
A03024R BELDEN-A03024R Datasheet
140Kb / 2P
TC VN/PVC, 3 C #2 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
04-08-2022
A03084B BELDEN-A03084B Datasheet
139Kb / 2P
TC VN/PVC, 3G C #8 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
12-22-2023
28153AX BELDEN-28153AX Datasheet
139Kb / 2P
TC VN/PVC, 3 C #6 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
A02064R BELDEN-A02064R Datasheet
139Kb / 2P
TC VN/PVC, 2 C #6 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC 90C Dry/Wet SUN RES DIR BUR
12-22-2023
A03024B BELDEN-A03024B Datasheet
148Kb / 2P
TC VN/PVC, 3G C #26 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
12-22-2023
A03044R BELDEN-A03044R Datasheet
139Kb / 2P
TC VN/PVC, 3 C #4 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
28159A BELDEN-28159A Datasheet
152Kb / 2P
TC VN/PVC, 3G C #26 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
12-22-2023
A03024C BELDEN-A03024C Datasheet
140Kb / 2P
TC VN/PVC, 3G C #26 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
12-22-2023
A04084B BELDEN-A04084B Datasheet
148Kb / 2P
TC VN/PVC, 4G C #8 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
12-22-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com