Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28178A Datasheet (PDF) - Belden Inc.

28178A Datasheet PDF - Belden Inc.
Part # 28178A
Download  28178A Download
File Size   185.33 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description TC VN/PVC, 4G C #4/04 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR

28178A Datasheet (PDF)

Go To PDF Page Download Datasheet
28178A Datasheet PDF - Belden Inc.

Part # 28178A
Download  28178A Click to download

File Size   185.33 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description TC VN/PVC, 4G C #4/04 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR

28178A Datasheet (HTML) - Belden Inc.


28178A Product details

Product Description
UL Type TC (1277) PVC-Nylon/PVC, 4+G Conductor 4/0+4AWG (19x10+7x12) Bare Copper, PVC-NYL Insulation M4 Color Code, Black PVC Outer Jacket,
600V TC-ER 90C Dry/Wet SUN RES DIR BUR




Similar Part No. - 28178A

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2817864 PHOENIX-2817864 Datasheet
55Kb / 2P
Wiring bridge - MPB 18/1- 5
More results


Similar Description - 28178A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
28151A BELDEN-28151A Datasheet
158Kb / 4P
TC VN/PVC, 4G C #810 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
12-22-2023
28156AX BELDEN-28156AX Datasheet
139Kb / 2P
TC VN/PVC, 3 C #4 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
28169A BELDEN-28169A Datasheet
166Kb / 2P
TC VN/PVC, 4G C #1/06 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
12-22-2023
A03084B BELDEN-A03084B Datasheet
139Kb / 2P
TC VN/PVC, 3G C #8 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
12-22-2023
28140A BELDEN-28140A Datasheet
157Kb / 2P
TC VN/PVC, 4 C #10 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
04-14-2023
A03044R BELDEN-A03044R Datasheet
139Kb / 2P
TC VN/PVC, 3 C #4 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
A034A4B BELDEN-A034A4B Datasheet
139Kb / 2P
TC VN/PVC, 3G C #4/0 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
12-22-2023
28174A BELDEN-28174A Datasheet
182Kb / 2P
TC VN/PVC, 3G C #3/04 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
12-22-2023
A04084B BELDEN-A04084B Datasheet
148Kb / 2P
TC VN/PVC, 4G C #8 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
12-22-2023
A04104R BELDEN-A04104R Datasheet
138Kb / 2P
TC VN/PVC, 4 C #10 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com