Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1874470 Datasheet (PDF) - PHOENIX CONTACT

1874470 Datasheet PDF - PHOENIX CONTACT
Part # 1874470
Download  1874470 Download
File Size   558.98 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DMC 1,5/13-G1F-3,5-LR P26THR - PCB header

1874470 Datasheet (PDF)

Go To PDF Page Download Datasheet
1874470 Datasheet PDF - PHOENIX CONTACT

Part # 1874470
Download  1874470 Click to download

File Size   558.98 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DMC 1,5/13-G1F-3,5-LR P26THR - PCB header

1874470 Datasheet (HTML) - PHOENIX CONTACT


1874470 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Pin, number of potentials: 26,
number of rows: 2, number of positions: 13, number of connections: 26, product range: DMC
1,5/..-G1F-THR, pitch: 3.5 mm, mounting: THR soldering, pin layout: Linear pinning, solder pin
[P]: 2.6 mm, number of solder pins per potential: 1, plug-in system: COMBICON DFMC 1,5, Pin
connector pattern alignment: Standard, locking: Snap-in locking, mounting: Lock & release
threaded flange, type of packaging: packed in cardboard

Your advantages
• Designed for integration into the SMT soldering process
• Screwable flange for superior mechanical stability
• Automatic locking and intuitive release through Lock and Release operating lever in contrasting color
• Conductor connection on several levels enables higher contact density
• Small component size for applications where space is at a premium




Similar Part No. - 1874470

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1874409 PHOENIX-1874409 Datasheet
405Kb / 11P
DMC 1,5/17-G1-3,5 P26THR - PCB header
1874412 PHOENIX-1874412 Datasheet
462Kb / 11P
DMC 1,5/18-G1-3,5 P26THR - PCB header
1874438 PHOENIX-1874438 Datasheet
461Kb / 11P
DMC 1,5/20-G1-3,5 P26THR - PCB header
1874497 PHOENIX-1874497 Datasheet
98Kb / 4P
Printed-circuit board connector - SMSTB 2,5/ 9-ST-5,08 BK
11/05/2018
More results


Similar Description - 1874470

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1711099 PHOENIX-1711099 Datasheet
658Kb / 12P
PCB header - DMC 1,5/ 4-G1F-3,5-LR P26THR
Jan 10, 2023
1874027 PHOENIX-1874027 Datasheet
660Kb / 12P
PCB header - DMC 1,5/ 3-G1F-3,5-LR P26THR
Jan 5, 2023
1874030 PHOENIX-1874030 Datasheet
660Kb / 12P
PCB header - DMC 1,5/ 5-G1F-3,5-LR P26THR
Jan 10, 2023
1053878 PHOENIX-1053878 Datasheet
476Kb / 11P
DMC 1,5/15-G1F-3,5-LR P35 - PCB header
1033583 PHOENIX-1033583 Datasheet
362Kb / 11P
DMC 1,5/20-G1-3,5-LR P26THR - PCB header
1535190 PHOENIX-1535190 Datasheet
309Kb / 8P
DMC 1,5/18-G1-3,5-LR P26THR - PCB header
1535194 PHOENIX-1535194 Datasheet
309Kb / 8P
DMC 1,5/16-G1-3,5-LR P26THR - PCB header
1535198 PHOENIX-1535198 Datasheet
309Kb / 8P
DMC 1,5/14-G1-3,5-LR P26THR - PCB header
1535200 PHOENIX-1535200 Datasheet
309Kb / 8P
DMC 1,5/13-G1-3,5-LR P26THR - PCB header
1535204 PHOENIX-1535204 Datasheet
309Kb / 8P
DMC 1,5/10-G1-3,5-LR P26THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com