Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDL Datasheet (PDF) - Murata Power Solutions Inc.

NDL Datasheet PDF - Murata Power Solutions Inc.
Part # NDL
Download  NDL Download
File Size   288.03 Kbytes
Page   6 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Isolated 2W Wide Input Single Output DC-DC Converters

NDL Datasheet (PDF)

Go To PDF Page Download Datasheet
NDL Datasheet PDF - Murata Power Solutions Inc.

Part # NDL
Download  NDL Click to download

File Size   288.03 Kbytes
Page   6 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Isolated 2W Wide Input Single Output DC-DC Converters

NDL Datasheet (HTML) - Murata Power Solutions Inc.


NDL Product details

RoHS compliant
2:1 wide range voltage input
Continuous short circuit protection with
current foldback
Operating temperature range -40ºC to 85ºC
0.75% regulation
1kVDC isolation
Efficiency to 83%
Power density 0.9W/cm3
5V, 12V & 24V nominal inputs
5V, 9V, 12V & 15V outputs
No electrolytic capacitors
Fully encapsulated
External control
Low noise




Similar Part No. - NDL

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NDL CANDD-NDL Datasheet
202Kb / 2P
Isolated 2W Wide Input Single Output DC-DC Converters
logo
Amphenol Corporation
NDL AMPHENOL-NDL Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
Neutrik AG
NDL NEUTRIK-NDL Datasheet
6Mb / 24P
Circular Connectors
2019/07-V20
logo
List of Unclassifed Man...
NDL-104LP ETC2-NDL-104LP Datasheet
263Kb / 1P
SELF-EXCITED INVERTER FOR ELECTORULUMINESCENT (EL) LIGHT
logo
C&D Technologies
NDL0505S CANDD-NDL0505S Datasheet
202Kb / 2P
Isolated 2W Wide Input Single Output DC-DC Converters
More results


Similar Description - NDL

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NDL CANDD-NDL Datasheet
202Kb / 2P
Isolated 2W Wide Input Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XNM-2W MICRODC-B-XNM-2W Datasheet
889Kb / 4P
Isolated 2W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NDL0512SC MURATA-NDL0512SC Datasheet
203Kb / 4P
Isolated 2W Wide Input Single Output DC/DC Converters
logo
Microdc power Technolog...
2B-XD MICRODC-2B-XD Datasheet
645Kb / 5P
Fixed Input,Isolated 2W Single Output DC/DC Converters
2B-XES MICRODC-2B-XES Datasheet
283Kb / 3P
Isolated 2W Single Output DC/DC Converters
2B-XSD MICRODC-2B-XSD Datasheet
645Kb / 5P
Fixed Input,Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2L-2W TOPPOWER-TP2L-2W Datasheet
207Kb / 3P
2W Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L TOPPOWER-TP2L Datasheet
579Kb / 3P
2W 1KVDC Isolated Wide Input Single Output DC/DC Converters
TP2L-1KV3KV TOPPOWER-TP2L-1KV3KV Datasheet
181Kb / 3P
2W Isolated Wide Input Single Output DC/DC Converters
TP2L24S03S-2WLI TOPPOWER-TP2L24S03S-2WLI Datasheet
216Kb / 3P
2W 1.5KVDC Isolated Wide Input Single Output DC/DC Converters
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com