Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NME0509SC Datasheet (PDF) - Murata Power Solutions Inc.

NME0509SC Datasheet PDF - Murata Power Solutions Inc.
Part # NME0509SC
Download  NME0509SC Download
File Size   1073.73 Kbytes
Page   13 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Isolated 1W Single Output DC-DC Converters

NME0509SC Datasheet (PDF)

Go To PDF Page Download Datasheet
NME0509SC Datasheet PDF - Murata Power Solutions Inc.

Part # NME0509SC
Download  NME0509SC Click to download

File Size   1073.73 Kbytes
Page   13 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Isolated 1W Single Output DC-DC Converters

NME0509SC Datasheet (HTML) - Murata Power Solutions Inc.


NME0509SC Product details

Short circuit protection options
UL 60950 recognised
Single isolated output
1kVDC isolation ‘Hi Pot Test’
Wide temperature performance at full
1 watt load, –40°C to 85°C2
Industry standard pinout
5V, 12V & 24V inputs
5V, 9V, 12V, 15V & 24V outputs
Fully encapsulated with toroidal magnetics
No external components required
Pin compatible with CME, CRE1, CRL2,
LME, MEE1, MEE3, NKE & NML




Similar Part No. - NME0509SC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NME0509SC MURATA-NME0509SC Datasheet
188Kb / 5P
Isolated 1W Single Output DC/DC Converters
logo
Murata Power Solutions ...
NME0509SC MURATA-PS-NME0509SC Datasheet
207Kb / 11P
Isolated 1W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NME0509SC MURATA-NME0509SC Datasheet
232Kb / 11P
Isolated 1W Single Output DC-DC Converters
More results


Similar Description - NME0509SC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
Isolated 1W Single Output DC/DC Converters
B-XN2S-1W MICRODC-B-XN2S-1W Datasheet
1Mb / 5P
Isolated 1W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMR MURATA-NMR_12 Datasheet
209Kb / 5P
Isolated 1W Single Output DC/DC Converters
NME0505DC MURATA-NME0505DC Datasheet
188Kb / 5P
Isolated 1W Single Output DC/DC Converters
logo
Microdc power Technolog...
B0303XLS-1W MICRODC-B0303XLS-1W Datasheet
1Mb / 4P
Isolated 1W Single Output DC/DC Converters
B-XD MICRODC-B-XD Datasheet
713Kb / 4P
Isolated 1W Single Output DC/DC Converters
B-XN1S MICRODC-B-XN1S Datasheet
497Kb / 5P
Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
1W Isolated Single Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
Isolated 1W Single Output Isolated DC-DC Converters
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com