Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NML0509SC Datasheet (PDF) - Murata Power Solutions Inc.

NML0509SC Datasheet PDF - Murata Power Solutions Inc.
Part # NML0509SC
Download  NML0509SC Download
File Size   219.13 Kbytes
Page   8 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Isolated 2W Single Output DC-DC Converters

NML0509SC Datasheet (PDF)

Go To PDF Page Download Datasheet
NML0509SC Datasheet PDF - Murata Power Solutions Inc.

Part # NML0509SC
Download  NML0509SC Click to download

File Size   219.13 Kbytes
Page   8 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Isolated 2W Single Output DC-DC Converters

NML0509SC Datasheet (HTML) - Murata Power Solutions Inc.


NML0509SC Product details

UL 60950 recognised
Single isolated output
1kVDC isolation ‘Hi Pot Test’
Efficiency up to 85%
Wide temperature performance at full
2 watt load, –40°C to 85°C
Industry standard pinout
5V & 12V inputs
5V, 9V, 12V & 15V outputs
Internal SMD construction
No external components required
MTTF up to 2.3 million hours
Custom solutions available
Pin compatible with CME, CRE1, CRL2,
LME, MEE1, NKE & NME series
No electrolytic or tantalum capacitors




Similar Part No. - NML0509SC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NML0509SC MURATA-NML0509SC Datasheet
206Kb / 5P
Isolated 2W Single Output DC/DC Converters
More results


Similar Description - NML0509SC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NML CANDD-NML Datasheet
100Kb / 2P
Isolated 2W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XM-2W MICRODC-B-XM-2W Datasheet
932Kb / 4P
Isolated 2W Single Output DC/DC Converters
B-XNM-2W MICRODC-B-XNM-2W Datasheet
889Kb / 4P
Isolated 2W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NML0505SC MURATA-NML0505SC Datasheet
206Kb / 5P
Isolated 2W Single Output DC/DC Converters
logo
Microdc power Technolog...
2B-XES MICRODC-2B-XES Datasheet
283Kb / 3P
Isolated 2W Single Output DC/DC Converters
2B-XNM MICRODC-2B-XNM Datasheet
655Kb / 4P
Isolated 2W Single Output DC/DC Converters
logo
Murata Power Solutions ...
NMG0505SC MURATA-PS-NMG0505SC Datasheet
840Kb / 7P
Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL-2W TOPPOWER-TPL-2W Datasheet
115Kb / 3P
2W Isolated Single Output DC/DC Converters
TPL-3KVDC TOPPOWER-TPL-3KVDC Datasheet
169Kb / 3P
2W Isolated Single Output DC/DC Converters
TPL TOPPOWER-TPL_18 Datasheet
633Kb / 3P
2W Isolated Single Output DC/DC Converters
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com