Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

69429 Datasheet (PDF) - Turck, Inc.

69429 Datasheet PDF - Turck, Inc.
Part # 69429
Download  69429 Download
File Size   332.11 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive Sensor

69429 Datasheet (PDF)

Go To PDF Page Download Datasheet
69429 Datasheet PDF - Turck, Inc.

Part # 69429
Download  69429 Click to download

File Size   332.11 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive Sensor

69429 Datasheet (HTML) - Turck, Inc.


69429 Product details

Features
■Rectangular, height 40 mm
■Variable orientation of active face in 9
directions
■Plastic, PBT-GF30-VO
■High-luminance corner LEDs
■Optimum view of operating voltage and
switching state from any position
■AC 2-wire, 20…250 VDC
■DC 2-wire, 10…300 VDC
■NC/NO programmable
■½” connector
Functional principle
Inductive sensors detect metal objects
contactless and wear-free. For this, they use a
high-frequency electromagnetic AC field that
interacts with the target. Inductive sensors
generate this field via an RLC circuit with a
ferrite coil.




Similar Part No. - 69429

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
69429 GAMEWELL-FCI-69429 Datasheet
61Kb / 2P
Fire Fighter Phone Accessories
logo
Turck, Inc.
69429 TURCK-69429 Datasheet
399Kb / 3P
Inductive Sensor – With Extended Switching Distance
11/07/2023
69429 TURCK-69429 Datasheet
368Kb / 3P
Inductive Sensor – With Extended Switching Distance
11/07/2023
69429 TURCK-69429 Datasheet
316Kb / 3P
Inductive Sensor
11/07/2023
69429 TURCK-69429 Datasheet
317Kb / 3P
Inductive Sensor – With Extended Switching Distance
11/07/2023
More results


Similar Description - 69429

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
BI1.5U-EG08-RP6X-H1341 TURCK-BI1.5U-EG08-RP6X-H1341 Datasheet
377Kb / 3P
Inductive sensor
BI1-EG05K-AN6X-V1331 TURCK-BI1-EG05K-AN6X-V1331 Datasheet
199Kb / 2P
Inductive sensor
BI10-G28-AZ3 TURCK-BI10-G28-AZ3 Datasheet
185Kb / 2P
Inductive sensor
logo
Pepperl+Fuchs Inc.
NBB3-V3-Z4 PF-NBB3-V3-Z4 Datasheet
217Kb / 2P
Inductive sensor
NBB4-12GM75-US PF-NBB4-12GM75-US Datasheet
178Kb / 1P
Inductive sensor
NBB5-18GM40-Z0-V1 PF-NBB5-18GM40-Z0-V1 Datasheet
173Kb / 1P
Inductive sensor
NBB8-18GM50-E2 PF-NBB8-18GM50-E2 Datasheet
159Kb / 1P
Inductive sensor
NBB1-4GM22-E0 PF-NBB1-4GM22-E0 Datasheet
109Kb / 1P
Inductive sensor
NBB2-8GM25-E0-V3 PF-NBB2-8GM25-E0-V3 Datasheet
226Kb / 2P
Inductive sensor
NBB2-8GM25-E2-V3 PF-NBB2-8GM25-E2-V3 Datasheet
225Kb / 2P
Inductive sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com