Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPB8958SB Datasheet (PDF) - Qorvo, Inc

QPB8958SB Datasheet PDF - Qorvo, Inc
Part # QPB8958SB
Download  QPB8958SB Download
File Size   2116.69 Kbytes
Page   14 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 75Ω 34dB CATV Amplifier 50 - 1003MHz

QPB8958SB Datasheet (PDF)

Go To PDF Page Download Datasheet
QPB8958SB Datasheet PDF - Qorvo, Inc

Part # QPB8958SB
Download  QPB8958SB Click to download

File Size   2116.69 Kbytes
Page   14 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 75Ω 34dB CATV Amplifier 50 - 1003MHz

QPB8958SB Datasheet (HTML) - Qorvo, Inc


QPB8958SB Product details

Key Features
■ High Gain: 34dB @ 1003MHz
■ Adjustable Bias
■ 50 - 1003 MHz BW
■ 46dBmV/ch flat tilt
■ Low Noise: 4.5dB
■ Excellent Composite Distortion
■ pHEMT / MESFET device technologies
■ Compact Size: 40P 5x7 QFN
■ Power Consumption (24V, 260mA –5.8W)




Similar Part No. - QPB8958SB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB8957 QORVO-QPB8957 Datasheet
1Mb / 13P
75廓 28dB CATV Doubler Amplifier 50 - 1003MHz
July 29, 2021
QPB8957EVB QORVO-QPB8957EVB Datasheet
1Mb / 13P
75廓 28dB CATV Doubler Amplifier 50 - 1003MHz
July 29, 2021
QPB8957SB QORVO-QPB8957SB Datasheet
1Mb / 13P
75廓 28dB CATV Doubler Amplifier 50 - 1003MHz
July 29, 2021
QPB8957SR QORVO-QPB8957SR Datasheet
1Mb / 13P
75廓 28dB CATV Doubler Amplifier 50 - 1003MHz
July 29, 2021
QPB8957TR13 QORVO-QPB8957TR13 Datasheet
1Mb / 13P
75廓 28dB CATV Doubler Amplifier 50 - 1003MHz
July 29, 2021
More results


Similar Description - QPB8958SB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPA3238 TRIQUINT-QPA3238 Datasheet
450Kb / 6P
CATV Power Doubler Hybrid 1003MHz 23dB
QPA3320 TRIQUINT-QPA3320 Datasheet
197Kb / 4P
CATV Push Pull Hybrid 1003MHz 34dB
QPA3340 TRIQUINT-QPA3340 Datasheet
357Kb / 5P
CATV Power Doubler Hybrid 1003MHz 23dB
QPA3350 TRIQUINT-QPA3350 Datasheet
197Kb / 5P
CATV Power Doubler Hybrid 1003MHz 25dB
logo
Qorvo, Inc
QPA3248 QORVO-QPA3248 Datasheet
466Kb / 6P
CATV Power Doubler Hybrid 1003MHz 25dB
QPA3358 QORVO-QPA3358 Datasheet
258Kb / 4P
CATV Push Pull Hybrid 1218MHz 34dB
QPA3320 QORVO-QPA3320 Datasheet
267Kb / 4P
CATV Push Pull Hybrid 1003MHz 34dB
QPB8858 QORVO-QPB8858 Datasheet
1Mb / 13P
75 34dB CATV Amplifier 47 ??1218MHz
QPB8957 QORVO-QPB8957 Datasheet
1Mb / 13P
75廓 28dB CATV Doubler Amplifier 50 - 1003MHz
July 29, 2021
QPB8857 QORVO-QPB8857_V01 Datasheet
1Mb / 13P
75Ω 28dB CATV Doubler Amplifier 47 – 1218MHz
July 27, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com