Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPL1000EVB Datasheet (PDF) - Qorvo, Inc

QPL1000EVB Datasheet PDF - Qorvo, Inc
Part # QPL1000EVB
Download  QPL1000EVB Download
File Size   780.85 Kbytes
Page   14 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 8 – 11 GHz GaN Low Noise Amplifier

QPL1000EVB Datasheet (PDF)

Go To PDF Page Download Datasheet
QPL1000EVB Datasheet PDF - Qorvo, Inc

Part # QPL1000EVB
Download  QPL1000EVB Click to download

File Size   780.85 Kbytes
Page   14 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 8 – 11 GHz GaN Low Noise Amplifier

QPL1000EVB Datasheet (HTML) - Qorvo, Inc


QPL1000EVB Product details

Product Features
• Frequency Range: 8 – 11 GHz
• Noise Figure: 1.7 dB
• Small Signal Gain: 27 dB
• Saturation Power: 15 dBm
• IMD3: −24 dBc (@ Pout = 6 dBm/tone)
• Bias: VD = 10 V, IDQ = 20 mA, VG = −2.5 V
• Robustness: 37 dBm CW Pin.
• Plastic Over-mold Package
• Package Dimensions: 4.0 x 4.0 x 0.85 mm




Similar Part No. - QPL1000EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPL1002 TRIQUINT-QPL1002 Datasheet
2Mb / 14P
0.03 ??3 GHz GaN LNA
logo
Qorvo, Inc
QPL1002 QORVO-QPL1002 Datasheet
2Mb / 14P
0.03 ??3 GHz GaN LNA
June 26, 2017
logo
TriQuint Semiconductor
QPL1002EVB TRIQUINT-QPL1002EVB Datasheet
2Mb / 14P
0.03 ??3 GHz GaN LNA
logo
Qorvo, Inc
QPL1002EVB QORVO-QPL1002EVB Datasheet
2Mb / 14P
0.03 ??3 GHz GaN LNA
June 26, 2017
More results


Similar Description - QPL1000EVB

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD219C4 MMIC-CMD219C4 Datasheet
248Kb / 12P
4-8 GHz GaN Low Noise Amplifier
CMD219 MMIC-CMD219 Datasheet
224Kb / 12P
4-8 GHz GaN Low Noise Amplifier
CMD263P3 MMIC-CMD263P3 Datasheet
244Kb / 10P
5-11 GHz Low Noise Amplifier
CMD278 MMIC-CMD278 Datasheet
230Kb / 12P
8-12 GHz GaN Low Noise Amplifier
CMD278C4 MMIC-CMD278C4 Datasheet
263Kb / 12P
8-12 GHz GaN Low Noise Amplifier
logo
Qorvo, Inc
CMD271P3 QORVO-CMD271P3 Datasheet
251Kb / 12P
6-11 GHz Low Noise Amplifier
CMD309P4 QORVO-CMD309P4 Datasheet
372Kb / 13P
5-11 GHz Low Noise Amplifier
TGA2238-CP QORVO-TGA2238-CP Datasheet
572Kb / 14P
8 ??11 GHz 50 W GaN Power Amplifier
TGA2238 QORVO-TGA2238 Datasheet
756Kb / 12P
8 ??11 GHz 60 W GaN Power Amplifier
CMD263P3 QORVO-CMD263P3 Datasheet
355Kb / 11P
5-11 GHz Low Noise Amplifier
November 4, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com