Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1705668 Datasheet (PDF) - PHOENIX CONTACT

1705668 Datasheet PDF - PHOENIX CONTACT
Part # 1705668
Download  1705668 Download
File Size   209.72 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description KDSP 4/ 3 - PCB terminal block

1705668 Datasheet (PDF)

Go To PDF Page Download Datasheet
1705668 Datasheet PDF - PHOENIX CONTACT

Part # 1705668
Download  1705668 Click to download

File Size   209.72 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description KDSP 4/ 3 - PCB terminal block

1705668 Datasheet (HTML) - PHOENIX CONTACT


1705668 Product details

PCB terminal block, nominal current: 41 A, rated voltage (III/2): 320 V, nominal cross section: 4
mm2, number of potentials: 3, number of rows: 1, number of positions per row: 3, product range:
KDSP 4, pitch: 7.5 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 0 °, color:
green, Pin layout: Linear pinning, Solder pin [P]: 5 mm, number of solder pins per potential: 2,
type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Quick and convenient testing using integrated test option
• Potentials can be easily looped through with additional connection to the PCB
• Two solder pins reduce the mechanical strain on the soldering spots




Similar Part No. - 1705668

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1705663 PHOENIX-1705663 Datasheet
74Kb / 4P
PCB terminal block - EMKDS 1,5/ 3-3,81
1705666 PHOENIX-1705666 Datasheet
238Kb / 8P
ZFK4DSA 1,5-5,08- 2 - PCB terminal block
More results


Similar Description - 1705668

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706374 PHOENIX-1706374 Datasheet
46Kb / 2P
PCB terminal block - MKKDSH 3/ 4 O.Z.
1711071 PHOENIX-1711071 Datasheet
55Kb / 4P
PCB terminal block - MKDS 3/ 4 (13)
1712041 PHOENIX-1712041 Datasheet
75Kb / 5P
PCB terminal block - MKDSF 3/ 4
1713082 PHOENIX-1713082 Datasheet
77Kb / 5P
PCB terminal block - SMKDS 3/ 4
1780895 PHOENIX-1780895 Datasheet
116Kb / 6P
PCB terminal block - KDSP 1,5/ 3
1888399 PHOENIX-1888399 Datasheet
56Kb / 5P
PCB terminal block - MKDSF 3/ 4 BK
1985771 PHOENIX-1985771 Datasheet
55Kb / 4P
PCB terminal block - MKDS 3/ 4 CRWH
1991891 PHOENIX-1991891 Datasheet
47Kb / 2P
PCB terminal block - ZFKDSA 4-7,5- 3
1889987 PHOENIX-1889987 Datasheet
88Kb / 6P
PCB terminal block - MKKDS 3/ 4-5,08
09/12/2020
1714029 PHOENIX-1714029 Datasheet
214Kb / 7P
KDSP 4/ 1 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com