Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1709830 Datasheet (PDF) - PHOENIX CONTACT

1709830 Datasheet PDF - PHOENIX CONTACT
Part # 1709830
Download  1709830 Download
File Size   459.92 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDSP 3/11 - PCB terminal block

1709830 Datasheet (PDF)

Go To PDF Page Download Datasheet
1709830 Datasheet PDF - PHOENIX CONTACT

Part # 1709830
Download  1709830 Click to download

File Size   459.92 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDSP 3/11 - PCB terminal block

1709830 Datasheet (HTML) - PHOENIX CONTACT


1709830 Product details

PCB terminal block, nominal current: 24 A, rated voltage (III/2): 400 V, nominal cross section: 2.5
mm2, number of potentials: 11, number of rows: 1, number of positions per row: 11, product
range: MKDSP 3, pitch: 5 mm, connection method: Screw connection with tension sleeve, screw
head form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 0 °, color:
green, Pin layout: Linear pinning, Solder pin [P]: 5 mm, number of solder pins per potential: 1,
type of packaging: packed in cardboard. The article can be aligned to create different nos. of
positions!

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Quick and convenient testing using integrated test option
• Integrated protective guide prevents incorrect insertion of the conductor underneath the tension sleeve
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1709830

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1709821 PHOENIX-1709821 Datasheet
1Mb / 15P
MSTBA 2,5/ 2-G-5,08 RD - PCB header
logo
TE Connectivity Ltd
1709823-1 TEC-1709823-1 Datasheet
612Kb / 2P
COPPER TUBULAR TERMINALS
logo
PHOENIX CONTACT
1709827 PHOENIX-1709827 Datasheet
49Kb / 3P
PCB terminal block - PT 1,5/ 9-PVH-3,5 BK
1709843 PHOENIX-1709843 Datasheet
55Kb / 4P
PCB terminal block - PTSA 1,5/ 2-3,5-F GY
1709898 PHOENIX-1709898 Datasheet
88Kb / 2P
IMC 1,5/ 7-ST-3,81 CRWH
More results


Similar Description - 1709830

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1714036 PHOENIX-1714036 Datasheet
89Kb / 7P
PCB terminal block - MKDSP 3/ 3
1714735 PHOENIX-1714735 Datasheet
149Kb / 8P
PCB terminal block - MKDSP 3/ 3-5,08
1730023 PHOENIX-1730023 Datasheet
126Kb / 6P
PCB terminal block - MKDSP 1,5/ 3
1730104 PHOENIX-1730104 Datasheet
77Kb / 5P
PCB terminal block - MKDSP 1,5/11
1730214 PHOENIX-1730214 Datasheet
78Kb / 5P
PCB terminal block - MKDSP 1,5/11-5,08
1774137 PHOENIX-1774137 Datasheet
93Kb / 6P
PCB terminal block - MKDSP 10N/ 3-10,16
1904244 PHOENIX-1904244 Datasheet
57Kb / 5P
PCB terminal block - MKDSP 3/ 3-5,08 BK
1929546 PHOENIX-1929546 Datasheet
132Kb / 7P
PCB terminal block - MKDSP 10HV/ 3-12,7
1929520 PHOENIX-1929520 Datasheet
157Kb / 12P
PCB terminal block - MKDSP 10HV/ 3-10,16
09/12/2020
1730133 PHOENIX-1730133 Datasheet
409Kb / 11P
PCB terminal block - MKDSP 1,5/ 3-5,08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com