Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1929478 Datasheet (PDF) - PHOENIX CONTACT

1929478 Datasheet PDF - PHOENIX CONTACT
Part # 1929478
Download  1929478 Download
File Size   300.04 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FOPT 2,2-T/E - FO PCB terminal block

1929478 Datasheet (PDF)

Go To PDF Page Download Datasheet
1929478 Datasheet PDF - PHOENIX CONTACT

Part # 1929478
Download  1929478 Click to download

File Size   300.04 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FOPT 2,2-T/E - FO PCB terminal block

1929478 Datasheet (HTML) - PHOENIX CONTACT


1929478 Product details

PCB terminal block, nominal cross section: 0 mm2, number of potentials: 1, number of rows: 1,
number of positions per row: 1, product range: FOPT, pitch: 10.16 mm, connection method:
Push-in spring connection, mounting: Wave soldering, conductor/PCB connection direction: 0 °,
color: green, Pin layout: Linear pinning, Solder pin [P]: 4 mm, number of solder pins per
potential: 4, type of packaging: packed in cardboard

Your advantages
• Connection of fiber optics without fiber pretreatment
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive operation due to color-coded actuating push button




Similar Part No. - 1929478

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
19294 FESTO-19294 Datasheet
106Kb / 1P
Vacuum generator
logo
Molex Electronics Ltd.
19294-0002 MOLEX-19294-0002 Datasheet
103Kb / 1P
ServiceGrade??Economy Cable Tie Tool
19294-0002 MOLEX11-19294-0002 Datasheet
29Kb / 1P
Economy Cable Tie Tool
19294-0002-P MOLEX-19294-0002-P Datasheet
103Kb / 1P
ServiceGrade??Economy Cable Tie Tool
logo
MolexKits
19294-0003 MOLEXKITS-19294-0003 Datasheet
41Kb / 3P
Insulated Ring, Spade, Butt Splice, Closed-End Solderless Terminal
More results


Similar Description - 1929478

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
EB15-XX-C-180 ADAM-TECH-EB15-XX-C-180 Datasheet
72Kb / 1P
TERMINAL BLOCK PCB
EBI-XX-G ADAM-TECH-EBI-XX-G Datasheet
74Kb / 1P
TERMINAL BLOCK PCB
EBI-XX-RA-G ADAM-TECH-EBI-XX-RA-G Datasheet
69Kb / 1P
TERMINAL BLOCK PCB
logo
PHOENIX CONTACT
1907911 PHOENIX-1907911 Datasheet
111Kb / 5P
FO PCB terminal block - FOPT 2.2-T
1907924 PHOENIX-1907924 Datasheet
110Kb / 5P
FO PCB terminal block - FOPT 2.2-R
1706015 PHOENIX-1706015 Datasheet
51Kb / 4P
PCB terminal block - GKDS/E A0 BK
1709096 PHOENIX-1709096 Datasheet
72Kb / 7P
PCB terminal block - GKDS/E BU
1709119 PHOENIX-1709119 Datasheet
71Kb / 7P
PCB terminal block - GKDS/E-LOE GN
1709025 PHOENIX-1709025 Datasheet
404Kb / 13P
PCB terminal block - GKDS/E
Jan 5, 2023
1709054 PHOENIX-1709054 Datasheet
169Kb / 4P
GRZ/E 2,5 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com