| Manufacturer | Part # | Datasheet | Description |
 PHOENIX CONTACT |
2867115
|
69Kb / 3P |
Analog extension module with 4 analog current inputs 4 mA ... 20 mA
|
|
2901537
|
801Kb / 9P |
Analog extension module with 4 analog current inputs (0/4 mA ... 20 mA), with screw connection, incl. DIN rail connector
|
 VACUUMSCHMELZE GmbH & C... |
T60404-M4645-X150
|
145Kb / 2P |
100 ??000 mA DI- Current-Sensor-Module
|
 M-System Co.,Ltd. |
R5-YS
|
111Kb / 3P |
Remote I/O R5 Series 4 - 20 mA OUTPUT MODULE
|
|
R5-TYS
|
110Kb / 3P |
Remote I/O R5 Series 4 - 20 mA OUTPUT MODULE
|
 WAGO Kontakttechnik Gmb... |
753-555
|
583Kb / 12P |
4-channel analog output; 4 ??20 mA
|
 Schneider Electric |
140ACO02000
|
124Kb / 4P |
analog output module Modicon Quantum - 4 O - 4..20 mA, 12 bits bipolar current
Apr 18, 2022 |
 WOLFSPEED, INC. |
AMS2710
|
597Kb / 8P |
PCB pressure sensor module with 0 .. 10 V output
February 2018 Rev. 1.0 |
|
AMS2712
|
604Kb / 8P |
PCB pressure sensor module with 4 .. 20 mA current output
May 2017 - Rev. 1.0 |
|
AMS4712
|
607Kb / 8P |
Miniaturized pressure transmitter with 4 .. 20 mA output
March 2015 Rev. 4.0 |