Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTP8800-4A Datasheet (PDF) - Analog Devices

LTP8800-4A Datasheet PDF - Analog Devices
Part # LTP8800-4A
Download  LTP8800-4A Download
File Size   2678.23 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 200A DC/DC μModule Regulator with PMBus Interface

LTP8800-4A Datasheet (PDF)

Go To PDF Page Download Datasheet
LTP8800-4A Datasheet PDF - Analog Devices

Part # LTP8800-4A
Download  LTP8800-4A Click to download

File Size   2678.23 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 200A DC/DC μModule Regulator with PMBus Interface

LTP8800-4A Datasheet (HTML) - Analog Devices


LTP8800-4A Product details

DESCRIPTION
The LTP™8800-4A is a 200A step-down μModule® regulator
that provides microprocessor core voltage from 54V
power distribution architecture. LTP8800-4A features
remote configurability and telemetry monitoring of power
management parameters over PMBus—an open standard
I2C-based digital interface protocol. The LTP8800-4A
is comprised of a programmable digital control system
with precision mixed-signal circuitry, EEPROM, power
MOSFETs, planar transformer, inductors, and supporting
components. LTP8800-4A high level of integration minimizes
component count and design time and maximizes
flexibility and power density. The LTP8800-4A preserves
high efficiency at high conversion ratios by utilizing a resonant
switching architecture that eliminates high voltage
switching losses. The LTP8800-4A is available in a 22mm
× 24mm × 22mm surface mounted open frame package.
FEATURES
- High Efficiency at High Frequency
- Up to 90.5% Efficiency at 550kHz,
54VIN to 0.8VOUT
- PMBus-Compliant I2C Serial Interface
- Monitor Voltage, Current, Temperature and Faults
- Internal EEPROM Fault Log Record
- Digitally Programmable Control Loop
- Program Voltage, Current Limits, Soft-Start/Soft-
Stop, Frequency, Synchronization and Phasing,
Power-Good, Warnings and Faults
- Wide Input Voltage Range: 45V to 65V
- Output Voltage Range: 0.5V to 1.1V
- ±0.5% Maximum DC Output Error with Differential
Remote Voltage Sense
- ±3% Current Readback Accuracy
- Parallel and Current Share Multiple μModule ICs
- 22mm × 24mm × 22mm Surface-Mount Package
APPLICATIONS
- High Current Distributed Power Systems
- Servers, Network, and Storage Equipment
- Intelligent Energy Efficient Power Regulation




Similar Part No. - LTP8800-4A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTP8800-4A AD-LTP8800-4A Datasheet
2Mb / 20P
160A DC/DC Power μModule Regulator with PMBus Interface
Rev. 0
LTP8800-4A AD-LTP8800-4A Datasheet
4Mb / 130P
Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
Rev. 0
More results


Similar Description - LTP8800-4A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7510 LINER-LTC7510 Datasheet
78Kb / 2P
Digital DC/DC Controller with PMBus Interface
logo
Texas Instruments
PWR091EVM TI1-PWR091EVM Datasheet
3Mb / 49P
Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
logo
Analog Devices
LTC7131-1 AD-LTC7131-1 Datasheet
2Mb / 44P
25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
Rev. 0
LTP8803-1A AD-LTP8803-1A Datasheet
2Mb / 20P
160A DC/DC Power μModule Regulator with PMBus Interface
Rev. 0
logo
Renesas Technology Corp
RAA210825 RENESAS-RAA210825 Datasheet
2Mb / 56P
Pin-Configurable 25A DC/DC Power Module with PMBus Interface
Feb 8, 2019
RAA210833 RENESAS-RAA210833 Datasheet
2Mb / 57P
Pin-Configurable 33A DC/DC Power Module with PMBus Interface
Feb 8, 2019
RAA210850 RENESAS-RAA210850 Datasheet
2Mb / 58P
Pin-Configurable 50A DC/DC Power Module with PMBus Interface
Mar 15, 2019
RAA210870 RENESAS-RAA210870 Datasheet
2Mb / 58P
Pin-Configurable 70A DC/DC Power Module with PMBus Interface
Oct 23, 2018
logo
Analog Devices
LTP8800-1A AD-LTP8800-1A Datasheet
2Mb / 20P
150A DC/DC μModule Regulator with PMBus Interface
Rev. B
LTM4638 AD-LTM4638 Datasheet
2Mb / 30P
20VIN, 15A Step-Down DC/DC μModule Regulator
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com