Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1827537 Datasheet (PDF) - PHOENIX CONTACT

1827537 Datasheet PDF - PHOENIX CONTACT
Part # 1827537
Download  1827537 Download
File Size   959.63 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CC 2,5/14-GF-5,08-LR P26THR - PCB header

1827537 Datasheet (PDF)

Go To PDF Page Download Datasheet
1827537 Datasheet PDF - PHOENIX CONTACT

Part # 1827537
Download  1827537 Click to download

File Size   959.63 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CC 2,5/14-GF-5,08-LR P26THR - PCB header

1827537 Datasheet (HTML) - PHOENIX CONTACT


1827537 Product details

PCB headers, nominal cross section: 2.5 mm2, color: black, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Tin, contact connection type: Pin, number of potentials: 14,
number of rows: 1, number of positions: 14, number of connections: 14, product range: CC 2,5/..-
GF-LR, pitch: 5.08 mm, mounting: THR soldering, pin layout: Linear pinning, solder pin [P]: 2.6
mm, number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin
connector pattern alignment: Standard, locking: Snap-in locking, mounting: Lock & release
threaded flange, type of packaging: packed in cardboard

Your advantages
• Designed for integration into the SMT soldering process
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Screwable flange for superior mechanical stability
• Automatic locking and intuitive release through Lock and Release operating lever in contrasting color




Similar Part No. - 1827537

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1827538 MACOM-1827538 Datasheet
2Mb / 43P
AMP Dynamic Series Connectors
logo
PHOENIX CONTACT
1827538 PHOENIX-1827538 Datasheet
136Kb / 5P
QC 0,5/13-STF-3,81
More results


Similar Description - 1827537

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1792685 PHOENIX-1792685 Datasheet
236Kb / 9P
Printed-circuit board connector - CC 2,5/ 8-GF-5,08-LR P26THR
1954731 PHOENIX-1954731 Datasheet
127Kb / 5P
CC 2,5/ 6-GF-5,08 P26THR
1792656 PHOENIX-1792656 Datasheet
68Kb / 3P
Printed-circuit board connector - CC 2,5/ 5-GF-5,08-LR P26THR
1792669 PHOENIX-1792669 Datasheet
68Kb / 3P
Printed-circuit board connector - CC 2,5/ 6-GF-5,08-LR P26THR
1792672 PHOENIX-1792672 Datasheet
68Kb / 3P
Printed-circuit board connector - CC 2,5/ 7-GF-5,08-LR P26THR
1792698 PHOENIX-1792698 Datasheet
68Kb / 3P
Printed-circuit board connector - CC 2,5/ 9-GF-5,08-LR P26THR
1954692 PHOENIX-1954692 Datasheet
127Kb / 5P
CC 2,5/ 2-GF-5,08 P26THR
1954702 PHOENIX-1954702 Datasheet
128Kb / 5P
CC 2,5/ 3-GF-5,08 P26THR
1954757 PHOENIX-1954757 Datasheet
1Mb / 25P
CC 2,5/ 8-GF-5,08 P26THR - PCB header
1827773 PHOENIX-1827773 Datasheet
1Mb / 15P
CCV 2,5/14-GF-5,08-LR P26THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com