Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BOX2-1455L Datasheet (PDF) - BusBoard Prototype Systems Ltd.

BOX2-1455L Datasheet PDF - BusBoard Prototype Systems Ltd.
Part # BOX2-1455L
Download  BOX2-1455L Download
File Size   489.74 Kbytes
Page   3 Pages
Manufacturer  BUSBOARD [BusBoard Prototype Systems Ltd.]
Direct Link  http://www.busboard.com/
Logo BUSBOARD - BusBoard Prototype Systems Ltd.
Description A Hammond 1455L extruded aluminum enclosure with 5 slots for BPS size 2 prototyping boards.

BOX2-1455L Datasheet (PDF)

Go To PDF Page Download Datasheet
BOX2-1455L Datasheet PDF - BusBoard Prototype Systems Ltd.

Part # BOX2-1455L
Download  BOX2-1455L Click to download

File Size   489.74 Kbytes
Page   3 Pages
Manufacturer  BUSBOARD [BusBoard Prototype Systems Ltd.]
Direct Link  http://www.busboard.com/
Logo BUSBOARD - BusBoard Prototype Systems Ltd.
Description A Hammond 1455L extruded aluminum enclosure with 5 slots for BPS size 2 prototyping boards.

BOX2-1455L Datasheet (HTML) - BusBoard Prototype Systems Ltd.


BOX2-1455L Product details

Features
 Box is clear or black anodized extruded aluminum with end plates anodized to match and
polycarbonate plastic bezels.
 Box Size 4.18 x 3.42 x 1.2 inches (106 x 87 x 30.5 mm).
 5 built-in card guides for size 2 PCBs (80 x 100mm).
 Slide out top panel plate.
 Rugged body constructed from extruded aluminum with a minimum thickness of .06" (1.5 mm).




Similar Part No. - BOX2-1455L

ManufacturerPart #DatasheetDescription
logo
BusBoard Prototype Syst...
BOX2-P14 BUSBOARD-BOX2-P14 Datasheet
1Mb / 5P
Handheld plastic enclosure for up to three Size1 and Size2 PCBs
REV 1
More results


Similar Description - BOX2-1455L

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3301 POMONA-3301 Datasheet
24Kb / 1P
Size F Extruded Aluminum Box With Cover
3311 POMONA-3311 Datasheet
25Kb / 1P
Size G Extruded Aluminum Box With Cover
logo
Hammond Manufacturing L...
1599EBK HAMMOND-1599EBK Datasheet
133Kb / 3P
HAMMOND 1599 SERIES PLASTIC ENCLOSURE
logo
BusBoard Prototype Syst...
1593K BUSBOARD-1593K Datasheet
961Kb / 4P
A Hammond 1593K handheld plastic enclosure packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
PR1590B BUSBOARD-PR1590B Datasheet
569Kb / 3P
A prototyping board designed for the Hammond 1590B die-cast aluminum enclosure.
Rev 4.00
PR1590BB BUSBOARD-PR1590BB Datasheet
422Kb / 3P
A prototyping board designed for the Hammond 1590BB die-cast aluminum enclosure.
Rev 4.00
PR1593K BUSBOARD-PR1593K Datasheet
209Kb / 2P
A prototyping board designed for the Hammond 1593K handheld enclosure.
Rev 4.00
PR1593L BUSBOARD-PR1593L Datasheet
231Kb / 2P
A prototyping board designed for the Hammond 1593L handheld enclosure.
Rev 4.00
PR1593P BUSBOARD-PR1593P Datasheet
193Kb / 2P
A prototyping board designed for the Hammond 1593P handheld enclosure with battery compartment.
Rev 4.00
PR1593Q BUSBOARD-PR1593Q Datasheet
224Kb / 2P
A prototyping board designed for the Hammond 1593Q handheld enclosure with battery compartment.
Rev 4.00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com