Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN7150 Datasheet (PDF) - NXP Semiconductors

PN7150 Datasheet PDF - NXP Semiconductors
Part # PN7150
Download  PN7150 Download
File Size   682.91 Kbytes
Page   69 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High performance NFC controller with integrated firmware, supporting all NFC Forum modes

PN7150 Datasheet (PDF)

Go To PDF Page Download Datasheet
PN7150 Datasheet PDF - NXP Semiconductors

Part # PN7150
Download  PN7150 Click to download

File Size   682.91 Kbytes
Page   69 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High performance NFC controller with integrated firmware, supporting all NFC Forum modes

PN7150 Datasheet (HTML) - NXP Semiconductors


PN7150 Product details

2 General description
Plug´n play and high-performance full NFC solution PN7150 is a full NFC controller solution with integrated firmware and NCI interface designed for contactless communication at 13.56 MHz. It is compatible with NFC forum requirements.
PN7150 is designed based on learnings from previous NXP NFC device generation. It is the ideal solution for rapidly integrating NFC technology in any application, especially those running O/S environment like Linux and Android, reducing Bill of Material (BOM) size and cost, thanks to:
• Full NFC forum compliancy (see [1]) with small form factor antenna
• Embedded NFC firmware providing all NFC protocols as pre-integrated feature
• Direct connection to the main host or microcontroller, by I2C-bus physical and NCI protocol
• Ultra-low power consumption in polling loop mode
• Highly efficient integrated power management unit (PMU) allowing direct supply from a battery
PN7150 embeds a new generation RF contactless front-end supporting various transmission modes according to NFCIP-1 and NFCIP-2, ISO/IEC 14443, ISO/IEC 15693, MIFARE Classic IC-based card and FeliCa card specifications. It embeds an Arm Cortex-M0 microcontroller core loaded with the integrated firmware supporting the NCI 1.0 host communication. It also allows to provide a higher output power by supplying the transmitter output stage from 3.0 V to 4.75 V.
The contactless front-end design brings a major performance step-up with on one hand a higher sensitivity and on the other hand the capability to work in active load modulation communication enabling the support of small antenna form factor.
Figure 1 lists the supported transmission modes. For contactless card functionality, the PN7150 can act autonomously if previously configured by the host in such a manner.
PN7150 integrated firmware provides an easy integration and validation cycle as all the NFC real-time constraints, protocols and device discovery (polling loop) are being taken care internally. In few NCI commands, host SW can configure the PN7150 to notify for card or peer detection and start communicating with them.

3 Features and benefits
• Includes NXP ISO/IEC14443-A and Innovatron ISO/IEC14443-B intellectual property licensing rights
• Arm Cortex-M0 microcontroller core
• Highly integrated demodulator and decoder
• Buffered output drivers to connect an antenna with minimum number of external components
• Integrated RF level detector
• Integrated Polling Loop for automatic device discovery
• RF protocols supported
– NFCIP-1, NFCIP-2 protocol (see [8] and [11])
– ISO/IEC 14443A, ISO/IEC 14443B PICC, NFC Forum T4T modes via host interface (see [3])
– NFC Forum T3T via host interface
– ISO/IEC 14443A, ISO/IEC 14443B PCD designed according to NFC Forum digital protocol T4T platform
and ISO-DEP (see [1])
– FeliCa PCD mode
– MIFARE Classic PCD encryption mechanism (MIFARE Classic 1K/4K)
– NFC Forum tag 1 to 5 (MIFARE Ultralight, Jewel, Open FeliCa tag, MIFARE DESFire) (see [1])
– ISO/IEC 15693/ICODE VCD mode (see [9])
• Supported host interfaces
– NCI protocol interface according to NFC Forum standardization (see [2])
– I2C-bus High-speed mode (see [4])
• Integrated power management unit
– Direct connection to a battery (2.3 V to 5.5 V voltage supply range)
– Support different Hard Power-Down/Standby states activated by firmware
– Autonomous mode when host is shut down
• Automatic wake-up via RF field, internal timer and I2C-bus interface
• Integrated non-volatile memory to store data and executable code for customization

4 Applications
• All devices requiring NFC functionality especially those running in an Android or Linux environment
• TVs, set-top boxes, blu-ray decoders, audio devices
• Home automation, gateways, wireless routers
• Home appliances
• Wearables, remote controls, healthcare, fitness
• Printers, IP phones, gaming consoles, accessories




Similar Part No. - PN7150

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150 NXP-PN7150 Datasheet
575Kb / 65P
High performance NFC controller with integrated firmware, supporting all NFC Forum modes
Rev. 3.7 - 24 April 2018
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN/C110XX NXP-PN7150B0HN/C110XX Datasheet
575Kb / 65P
High performance NFC controller with integrated firmware, supporting all NFC Forum modes
Rev. 3.7 - 24 April 2018
PN7150B0UK/C11002Z NXP-PN7150B0UK/C11002Z Datasheet
575Kb / 65P
High performance NFC controller with integrated firmware, supporting all NFC Forum modes
Rev. 3.7 - 24 April 2018
More results


Similar Description - PN7150

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDKM NXP-OM25180FDKM Datasheet
3Mb / 149P
High-performance multi-protocol full NFC Forum-compliant frontend
Rev. 3.0-7 October 2016
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7120 NXP-PN7120 Datasheet
537Kb / 58P
NFC controller with integrated firmware, supporting all NFC Forum modes
Rev. 3.5-11 June 2018
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
NFC Forum Compliant Dynamic Tag
2018-Nov-14
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN7220 NXP-PN7220 Datasheet
1Mb / 185P
NFC controller with NCI interface supporting EMV and NFC Forum applications
Rev. 3.0 - 5 July 2023
PN7220 NXP-PN7220_V01 Datasheet
1Mb / 185P
NFC controller with NCI interface supporting EMV and NFC Forum applications
Rev. 3.1 - 20 September 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com