Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLRC61002HNTRAYB Datasheet (PDF) - NXP Semiconductors

SLRC61002HNTRAYB Datasheet PDF - NXP Semiconductors
Part # SLRC61002HNTRAYB
Download  SLRC61002HNTRAYB Download
File Size   1510.81 Kbytes
Page   139 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High-performance ICODE frontend SLRC610 and SLRC610 plus

SLRC61002HNTRAYB Datasheet (PDF)

Go To PDF Page Download Datasheet
SLRC61002HNTRAYB Datasheet PDF - NXP Semiconductors

Part # SLRC61002HNTRAYB
Download  SLRC61002HNTRAYB Click to download

File Size   1510.81 Kbytes
Page   139 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High-performance ICODE frontend SLRC610 and SLRC610 plus

SLRC61002HNTRAYB Datasheet (HTML) - NXP Semiconductors


SLRC61002HNTRAYB Product details

1 General description
SLRC610, the low-cost RFID frontend.
The SLRC610 multi-protocol NFC frontend IC supports the following operating modes:
• Read/write mode supporting ISO/IEC 15693
• Read/write mode supporting ICODE EPC UID/ EPC OTP
• Read/write mode supporting ISO/IEC 18000-3 mode 3/ EPC Class-1 HF
The SLRC610 supports the vicinity protocol according to ISO/IEC15693, EPC UID and ISO/IEC 18000-3 mode
3/ EPC Class-1 HF.
The following host interfaces are supported:
• Serial Peripheral Interface (SPI)
• Serial UART (similar to RS232 with voltage levels dependent on pin voltage supply)
• I2C-bus interface (two versions are implemented: I2C and I2CL)
The SLRC610 supports the connection of a secure access module (SAM). A dedicated separate I2C interface is implemented for a connection of the SAM. The SAM can be used for high secure key storage and acts as a very performant crypto coprocessor. A dedicated SAM is available for connection to the SLRC610.
2 Features and benefits
• RFID frontend
• Supports ISO/IEC15693, ICODE EPC UID and ISO/IEC 18000-3 mode 3/ EPC Class-1 HF
• Low-power card detection
• Antenna connection with minimum number of external components
• Supported host interfaces:
– SPI up to 10 Mbit/s
– I2C-bus interfaces up to 400 kBd in Fast mode, up to 1000 kBd in Fast mode plus
– RS232 Serial UART up to 1228.8 kBd, with voltage levels dependent on pin voltage supply
• Separate I2C-bus interface for connection of a secure access module (SAM)
• FIFO buffer with size of 512 byte for highest transaction performance
• Flexible and efficient power saving modes including hard power down, standby and low-power card detection
• Cost saving by integrated PLL to derive system clock from 27.12 MHz RF quartz crystal
• 3 V to 5.5 V power supply (SLRC61002)
2.5 V to 5.5 V power supply (SLRC61003)
• Up to 8 free programmable input/output pins
• The version SLRC61003 offers a more flexible configuration for Low-Power Card detection compared to the SLRC6102 with the new register LPCD_OPTIONS. In addition, the SLRC61003 offers new additional settings for the Load Protocol which fit very well to smaller antennas. The SLRC61003 is therefore the recommended version for new designs
3 Applications
• Industrial
• Access control
• Gaming




Similar Part No. - SLRC61002HNTRAYB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SLRC610 NXP-SLRC610 Datasheet
1Mb / 145P
High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 4.5-27 June 2018
More results


Similar Description - SLRC61002HNTRAYB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDKM NXP-OM25180FDKM Datasheet
3Mb / 149P
High-performance multi-protocol full NFC Forum-compliant frontend
Rev. 3.0-7 October 2016
SLRC610 NXP-SLRC610 Datasheet
1Mb / 145P
High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 4.5-27 June 2018
MFRC631 NXP-MFRC631 Datasheet
1Mb / 149P
High-performance ISO/IEC 14443 A/B frontend MFRC631 and MFRC631 plus
Rev.4.5-12 September 2018
SL2S1402 NXP-SL2S1402 Datasheet
314Kb / 33P
ICODE ILT
Rev. 3.3-15 October 2019
SL2S2602 NXP-SL2S2602 Datasheet
491Kb / 55P
ICODE SLIX2
Rev. 4.1-25 July 2017
SL2S5302 NXP-SL2S5302 Datasheet
173Kb / 35P
ICODE SLIX-S
Rev. 3.2-27 August 2012
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
SL2S6002 NXP-SL2S6002 Datasheet
218Kb / 14P
ICODE DNA
Rev. 3.0 ??16 June 2016
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com