Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1706013 Datasheet (PDF) - PHOENIX CONTACT

1706013 Datasheet PDF - PHOENIX CONTACT
Part # 1706013
Download  1706013 Download
File Size   438.61 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FFKDSA1/H-2,54-20 - PCB terminal block

1706013 Datasheet (PDF)

Go To PDF Page Download Datasheet
1706013 Datasheet PDF - PHOENIX CONTACT

Part # 1706013
Download  1706013 Click to download

File Size   438.61 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FFKDSA1/H-2,54-20 - PCB terminal block

1706013 Datasheet (HTML) - PHOENIX CONTACT


1706013 Product details

PCB terminal block, nominal current: 6 A, rated voltage (III/2): 160 V, nominal cross section: 0.5
mm2, number of potentials: 20, number of rows: 1, number of positions per row: 20, product
range: FFKDS(A) 0,5/..-H, pitch: 2.54 mm, connection method: Push-in spring connection,
mounting: Wave soldering, conductor/PCB connection direction: 0 °, color: green, Pin layout:
Linear pinning, Solder pin [P]: 3.4 mm, number of solder pins per potential: 2, type of packaging:
packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive operation due to color-coded actuating push button
• Operation and conductor connection from one direction enable integration into front of device
• Two solder pins reduce the mechanical strain on the soldering spots
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1706013

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1706010000 WEIDMULLER-1706010000 Datasheet
99Kb / 4P
Feed-through terminal, 2.5 mm짼, Tension clamp connection
logo
PHOENIX CONTACT
1706015 PHOENIX-1706015 Datasheet
51Kb / 4P
PCB terminal block - GKDS/E A0 BK
More results


Similar Description - 1706013

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1700198 PHOENIX-1700198 Datasheet
118Kb / 5P
PCB terminal block - FFKDSA1/H-2,54- 5
1700240 PHOENIX-1700240 Datasheet
138Kb / 7P
PCB terminal block - FFKDSA1/H-2,54-16
1780837 PHOENIX-1780837 Datasheet
55Kb / 3P
PCB terminal block - FFKDSA1/H-2,54- 8
1789139 PHOENIX-1789139 Datasheet
55Kb / 3P
PCB terminal block - FFKDSA1/H-2,54- 4
1789317 PHOENIX-1789317 Datasheet
55Kb / 3P
PCB terminal block - FFKDSA1/H-2,54- 3
1870019 PHOENIX-1870019 Datasheet
55Kb / 3P
PCB terminal block - FFKDSA1/H-2,54-14
1871306 PHOENIX-1871306 Datasheet
55Kb / 3P
PCB terminal block - FFKDSA1/H-2,54-12
1871322 PHOENIX-1871322 Datasheet
55Kb / 3P
PCB terminal block - FFKDSA1/H-2,54-15
1935721 PHOENIX-1935721 Datasheet
51Kb / 3P
PCB terminal block - FFKDSA1/H-2,54-22
1789333 PHOENIX-1789333 Datasheet
137Kb / 9P
PCB terminal block - FFKDSA1/H-2,54-10
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com