Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11041 Datasheet (PDF) - Sensata Technologies, Inc.

11041 Datasheet PDF - Sensata Technologies, Inc.
Part # 11041
Download  11041 Download
File Size   247.74 Kbytes
Page   4 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description ½” DISC HERMETIC THERMOSTATS, -65°F TO 550°F, SPST

11041 Datasheet (PDF)

Go To PDF Page Download Datasheet
11041 Datasheet PDF - Sensata Technologies, Inc.

Part # 11041
Download  11041 Click to download

File Size   247.74 Kbytes
Page   4 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description ½” DISC HERMETIC THERMOSTATS, -65°F TO 550°F, SPST

11041 Datasheet (HTML) - Sensata Technologies, Inc.


11041 Product details

Features
• Single Pole / Single Throw (SPST)
• Preset temperature set points, non-adjustable calibration
• High resistance to shock and vibration
• Hermetically sealed, vacuum baked and back-filled with nitrogen
• Various mounting configurations available
• Qualified to MIL-PRF-24236/1
• Qualified to NASA S-311-P641/05




Similar Part No. - 11041

ManufacturerPart #DatasheetDescription
logo
Heyco.
11041 HEYCO-11041 Datasheet
130Kb / 1P
PVC and Nylon LED Spacers
logo
Walther-Werke
110410 WALTHER-110410 Datasheet
958Kb / 2P
Sockets IP 44
logo
Theben AG
1104100 THEBEN-1104100 Datasheet
679Kb / 3P
Time and light control Twilight switches
07/04/2025
logo
List of Unclassifed Man...
110416 ETC-110416 Datasheet
308Kb / 2P
Tough on the Outside. Smart on the Inside.
110417 ETC-110417 Datasheet
308Kb / 2P
Tough on the Outside. Smart on the Inside.
More results


Similar Description - 11041

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
72979 POMONA-72979 Datasheet
119Kb / 1P
SMA (F) TO SMB (F)
logo
Winchester Electronics ...
SD759-2 WINCHESTER-SD759-2 Datasheet
53Kb / 1P
ADAPTER, F-F, BULKHEAD, HERMETIC SEAL, BNC
SDKC-99-38 WINCHESTER-SDKC-99-38 Datasheet
50Kb / 1P
ADAPTER, F-F, BULKHEAD, HERMETIC, SEAL, BNC
logo
Pasternack Enterprises,...
PE9761 PASTERNACK-PE9761 Datasheet
74Kb / 1P
F FEMALE TO F FEMALE
logo
Winchester Electronics ...
1208-46-5 WINCHESTER-1208-46-5 Datasheet
40Kb / 1P
ADAPTER, F-F BULKHEAD, N(HERMETIC SEAL)
1209-12 WINCHESTER-1209-12 Datasheet
63Kb / 1P
ADAPTER, F-F BULKHEAD, N(HERMETIC SEAL)
UG-492B WINCHESTER-UG-492B Datasheet
54Kb / 1P
ADAPTER, F-F, BULKHEAD, HERMETIC SEAL
logo
Eaton All Rights Reserv...
XVM EATON-XVM Datasheet
974Kb / 4P
16 V, 65 F module
logo
Amphenol SV Microwave
1115-6141 SVMICROWAVE-1115-6141 Datasheet
97Kb / 1P
STR. F SMA TO STR. F 2.92mm HERMETIC BLKHD ADAPTER
09/22
logo
Molex Electronics Ltd.
2219601126 MOLEX-2219601126 Datasheet
71Kb / 1P
POWERWIZE 6.0 RD F-F 600MM DISC AG
2023/01/24
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com