Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4391 Datasheet (PDF) - Sensata Technologies, Inc.

4391 Datasheet PDF - Sensata Technologies, Inc.
Part # 4391
Download  4391 Download
File Size   189.96 Kbytes
Page   4 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description -65°F to 450°F Hermetically Sealed

4391 Datasheet (PDF)

Go To PDF Page Download Datasheet
4391 Datasheet PDF - Sensata Technologies, Inc.

Part # 4391
Download  4391 Click to download

File Size   189.96 Kbytes
Page   4 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description -65°F to 450°F Hermetically Sealed

4391 Datasheet (HTML) - Sensata Technologies, Inc.


4391 Product details

Features
• High current capacity
• Snap–action switching
• Normally open or closed
• Automatic or manual reset
• Hermetically sealed and back–filled with nitrogen
• SPST or SPDT
• Capacity optional overmold




Similar Part No. - 4391

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4391 POMONA-4391 Datasheet
144Kb / 1P
BNC Resistor Attenuator
logo
3M Electronics
4391 3M-4391 Datasheet
144Kb / 1P
BNC Resistor Attenuator
Rev 100
4391-50 3M-4391-50 Datasheet
144Kb / 1P
BNC Resistor Attenuator
Rev 100
logo
Molex Electronics Ltd.
43914 MOLEX-43914 Datasheet
158Kb / 2P
10.00mm (.393") Pitch Mini-Fit, Sr.?
43914-1101 MOLEX11-43914-1101 Datasheet
37Kb / 1P
10.00mm Pitch Mini-Fit Sr.??Receptacle Housing, Dual Row, 6 Circuits
More results


Similar Description - 4391

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6744 POMONA-6744 Datasheet
172Kb / 1P
BNC (F/F) Adapter Panel Mount, Hermetically Sealed 75 廓
6800 POMONA-6800 Datasheet
158Kb / 1P
F (M/F) Right Angle, F(M/F), F (F/F) Bulkhead, F (F) PCB
72979 POMONA-72979 Datasheet
119Kb / 1P
SMA (F) TO SMB (F)
logo
Mini-Circuits
SF-BF50 MINI-SF-BF50 Datasheet
209Kb / 1P
SMA-F to BNC-F
logo
Vitesse Semiconductor C...
SD758-38-9 VITESSE-SD758-38-9 Datasheet
62Kb / 1P
ADAPTER F-F BULKHEAD, HERM, SEALED , BNC
SD759-2 VITESSE-SD759-2 Datasheet
53Kb / 1P
ADAPTER F-F BULKHEAD, HERM, SEALED , BNC
logo
Winchester Electronics ...
SDKA-91-02 WINCHESTER-SDKA-91-02 Datasheet
87Kb / 1P
TNC BULKHEAD ADAPTER F-F (HERM) SEALED
logo
Pasternack Enterprises,...
PE9761 PASTERNACK-PE9761 Datasheet
74Kb / 1P
F FEMALE TO F FEMALE
logo
Eaton All Rights Reserv...
XVM EATON-XVM Datasheet
974Kb / 4P
16 V, 65 F module
logo
Molex Electronics Ltd.
2149201225 MOLEX-2149201225 Datasheet
133Kb / 1P
PICOBLADE PRECRIMP 26AWG RD F-F L=450 Sn
2019/12/30
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com