Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7BT2 Datasheet (PDF) - Sensata Technologies, Inc.

7BT2 Datasheet PDF - Sensata Technologies, Inc.
Part # 7BT2
Download  7BT2 Download
File Size   189.82 Kbytes
Page   6 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description 30°F to 400°F, High Capacity, ½”

7BT2 Datasheet (PDF)

Go To PDF Page Download Datasheet
7BT2 Datasheet PDF - Sensata Technologies, Inc.

Part # 7BT2
Download  7BT2 Click to download

File Size   189.82 Kbytes
Page   6 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description 30°F to 400°F, High Capacity, ½”

7BT2 Datasheet (HTML) - Sensata Technologies, Inc.


7BT2 Product details

Features
• High current capacity, environmentally sealed
• Normally open or normally closed
• Pre–set, non–adjustable calibration
• Max resistive load: 15 amp
• Operating temperature range: 30°F to 400°F (-1.1°C to 204.4°C)
• UL & Canadian-UL (UL File #34618)
• DEKRA (Formerly known as KEMA) (ENEC), file #2018218.03




Similar Part No. - 7BT2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
7BT2 TI-7BT2 Datasheet
567Kb / 2P
HIGH CAPACITY ENVIRONMENTALLY SEALED
7BT2F15A-361 TI-7BT2F15A-361 Datasheet
567Kb / 2P
HIGH CAPACITY ENVIRONMENTALLY SEALED
7BT2F15A-362 TI-7BT2F15A-362 Datasheet
567Kb / 2P
HIGH CAPACITY ENVIRONMENTALLY SEALED
7BT2F15A-363 TI-7BT2F15A-363 Datasheet
567Kb / 2P
HIGH CAPACITY ENVIRONMENTALLY SEALED
7BT2F15A-364 TI-7BT2F15A-364 Datasheet
567Kb / 2P
HIGH CAPACITY ENVIRONMENTALLY SEALED
More results


Similar Description - 7BT2

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6800 POMONA-6800 Datasheet
158Kb / 1P
F (M/F) Right Angle, F(M/F), F (F/F) Bulkhead, F (F) PCB
72979 POMONA-72979 Datasheet
119Kb / 1P
SMA (F) TO SMB (F)
logo
Mini-Circuits
SF-BF50 MINI-SF-BF50 Datasheet
209Kb / 1P
SMA-F to BNC-F
logo
Winchester Electronics ...
SDKA-99-24 WINCHESTER-SDKA-99-24 Datasheet
39Kb / 1P
N TO TNC ADAPTER (F-F)
logo
Pasternack Enterprises,...
PE9761 PASTERNACK-PE9761 Datasheet
74Kb / 1P
F FEMALE TO F FEMALE
logo
Winchester Electronics ...
TRU-11880 WINCHESTER-TRU-11880 Datasheet
84Kb / 1P
CONNECTOR, COAXIAL 13-30(f) to 13-30(f) ADAPTER
TRU-11883 WINCHESTER-TRU-11883 Datasheet
84Kb / 1P
CONNECTOR, COAXIAL 13-30(f) to 7-16(f) ADAPTER
TRU-12248 WINCHESTER-TRU-12248 Datasheet
83Kb / 1P
CONNECTOR, COAXIAL 13-30(f) to N(f) ADAPTER
TRU-13025 WINCHESTER-TRU-13025 Datasheet
96Kb / 1P
CONNECTOR, COAXIAL 13-30(f) to 13-30(f) Panel Mt Adapter
logo
Mini-Circuits
SMPF-SF50 MINI-SMPF-SF50 Datasheet
204Kb / 2P
Adapter SMP-F to SMA-F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com