Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GV14 Datasheet (PDF) - Sensata Technologies, Inc.

GV14 Datasheet PDF - Sensata Technologies, Inc.
Part # GV14
Download  GV14 Download
File Size   620.82 Kbytes
Page   6 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description 400 AMP 100 VDC CONTACTOR

GV14 Datasheet (PDF)

Go To PDF Page Download Datasheet
GV14 Datasheet PDF - Sensata Technologies, Inc.

Part # GV14
Download  GV14 Click to download

File Size   620.82 Kbytes
Page   6 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description 400 AMP 100 VDC CONTACTOR

GV14 Datasheet (HTML) - Sensata Technologies, Inc.


GV14 Product details

Features
• PCB mountable option allows lowest cost OEM solution by
eliminating need for cables, wires and connector.
• Hermetically Sealed – Designed to meet: UL1604 for Class I & II, Div 2
and Class III for use in hazardous locations, IP67 for temporary water
immersion for 30 min, SAE J1171 - external ignition protection, and
ISO8846 for protection against ignition around flammable gasses.
• Meets CE Conformance standards.
• Built-in coil suppression for all DC coils – Saves you engineering time
and parts cost to add external coil suppression.
• Stainless steel hardware and brass mounting inserts, for years of
corrosion free service.
• Not position sensitive – can be mounted in any position for ease of
installation.




Similar Part No. - GV14

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
GV14 EUROQUARTZ-GV14 Datasheet
223Kb / 1P
14 pin Dual-in-Line
logo
Mercury United Electron...
GV14 MERCURY-GV14 Datasheet
104Kb / 1P
Dip type CMOS output
More results


Similar Description - GV14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H-A4A ETC2-H-A4A Datasheet
925Kb / 14P
CONTACTOR 60 AMP
logo
Picker Components
PC120 PICKER-PC120 Datasheet
693Kb / 3P
100 Amp D.C. Power Contactor
logo
Sensata Technologies, I...
GX11 SENSATA-GX11 Datasheet
1Mb / 4P
150 Amp 12-800 Vdc Contactor
Rev 6 10/23/15
GV24 SENSATA-GV24 Datasheet
507Kb / 6P
400 AMP 800 VDC CONTACTOR
28-Apr-2022
HX24 SENSATA-HX24 Datasheet
349Kb / 5P
1500 VDC CONTACTOR
26/Jan/22
logo
Leach International Cor...
9207 LEACH-9207 Datasheet
821Kb / 8P
POWER CONTACTOR 100 AMP
9213 LEACH-9213 Datasheet
362Kb / 5P
POWER CONTACTOR 3 PST-DM, 50/100 AMP
L-X0X LEACH-L-X0X Datasheet
558Kb / 6P
CONTACTOR 90 AMP
ZC-X0X LEACH-ZC-X0X Datasheet
1Mb / 9P
CONTACTOR, CENTER-OFF 100 AMP
ZCD LEACH-ZCD Datasheet
349Kb / 5P
CONTACTOR, CENTER-OFF 100 AMP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com