Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GV22 Datasheet (PDF) - Sensata Technologies, Inc.

GV22 Datasheet PDF - Sensata Technologies, Inc.
Part # GV22
Download  GV22 Download
File Size   604.56 Kbytes
Page   6 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description 200 AMP 800 VDC CONTACTOR

GV22 Datasheet (PDF)

Go To PDF Page Download Datasheet
GV22 Datasheet PDF - Sensata Technologies, Inc.

Part # GV22
Download  GV22 Click to download

File Size   604.56 Kbytes
Page   6 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description 200 AMP 800 VDC CONTACTOR

GV22 Datasheet (HTML) - Sensata Technologies, Inc.


GV22 Product details

Features
• PCB mountable option allows lowest cost OEM solution by
eliminating need for cables, wires and connector.
• Hermetically Sealed – Designed to meet: UL1604 for Class I & II, Div 2
and Class III for use in hazardous locations, IP67 for temporary water
immersion for 30 min, SAE J1171 - external ignition protection, and
ISO8846 for protection against ignition around flammable gasses.
• Meets CE Conformance standards.
• Built-in coil suppression for all DC coils – Saves you engineering time
and parts cost to add external coil suppression.
• Stainless steel hardware and brass mounting inserts, for years of
corrosion free service.
• Not position sensitive – can be mounted in any position for ease of
installation.




Similar Part No. - GV22

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
GV2 SCHNEIDER-GV2 Datasheet
3Mb / 64P
Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
List of Unclassifed Man...
GV2-MC02 ETC2-GV2-MC02 Datasheet
198Kb / 2P
Manual Motor Starters, Controllers, and Protectors
logo
Sensata Technologies, I...
GV200 SENSATA-GV200 Datasheet
793Kb / 5P
500 Amp 12-800 Vdc Contactor
GV21 SENSATA-GV21 Datasheet
535Kb / 3P
SPST-NO 900 VDC CONTACTOR
Rev:23/Feb/2022
GV24 SENSATA-GV24 Datasheet
507Kb / 6P
400 AMP 800 VDC CONTACTOR
28-Apr-2022
More results


Similar Description - GV22

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CQ48-35B CENTRAL-CQ48-35B Datasheet
109Kb / 2P
35 AMP TRIAC 200 THRU 800 VOLTS
CQ202-4B-2 CENTRAL-CQ202-4B-2 Datasheet
35Kb / 2P
4.0 AMP TRIAC 200 THRU 800 VOLTS
CS202-4B CENTRAL-CS202-4B Datasheet
78Kb / 2P
4.0 AMP SCR 200 THRU 800 VOLTS
CS202-4B-2 CENTRAL-CS202-4B-2 Datasheet
78Kb / 2P
4.0 AMP SCR 200 THRU 800 VOLTS
CQ202-4B CENTRAL-CQ202-4B Datasheet
426Kb / 2P
4.0 AMP TRIAC 200 THRU 800 VOLTS
CQ202-4BS-2 CENTRAL-CQ202-4BS-2 Datasheet
414Kb / 2P
4.0 AMP TRIAC 200 THRU 800 VOLTS
CQ220-8B CENTRAL-CQ220-8B Datasheet
79Kb / 2P
8.0 AMP TRIAC 200 THRU 800 VOLTS
logo
Micro Commercial Compon...
MT200C08T2 MCC-MT200C08T2 Datasheet
550Kb / 5P
200 Amp THYRISTOR MODULE 800~1800 Volts
logo
Sensata Technologies, I...
GX11 SENSATA-GX11 Datasheet
1Mb / 4P
150 Amp 12-800 Vdc Contactor
Rev 6 10/23/15
GV24 SENSATA-GV24 Datasheet
507Kb / 6P
400 AMP 800 VDC CONTACTOR
28-Apr-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com