Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GX32 Datasheet (PDF) - Sensata Technologies, Inc.

GX32 Datasheet PDF - Sensata Technologies, Inc.
Part # GX32
Download  GX32 Download
File Size   1047.55 Kbytes
Page   5 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description 150 Amp 12-800 Vdc Contactor

GX32 Datasheet (PDF)

Go To PDF Page Download Datasheet
GX32 Datasheet PDF - Sensata Technologies, Inc.

Part # GX32
Download  GX32 Click to download

File Size   1047.55 Kbytes
Page   5 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description 150 Amp 12-800 Vdc Contactor

GX32 Datasheet (HTML) - Sensata Technologies, Inc.


GX32 Product details

FEATURES
Side mount, compact package for easy installation on virtually any flat surface – No need for specially routed
power cables, special bus bars, or special lugs.
Rugged EPIC® seal rated to 175°C – Reduced risk of fire or meltdown in over current conditions.
The same technology used for advanced aerospace programs.
Hermetically sealed – Designed to meet: UL1604 for Class I & II, Div 2 and Class III for use in hazardous
locations, IP67 for temporary water immersion for 30 min, IP69K for pressure washing, SAE J1171 - external
ignition protection, and ISO8846 for protection against ignition around flammable gasses.
Optional High Efficiency Dual DC Coils – Very low 12 or 24 VDC continuous coil power with no EMI emissions or
cross- talk on your system control power. Ideal for battery powered systems or where low power is needed.
Built-in coil suppression for all DC coils – Saves you engineering time and parts cost to add external coil suppression.
Stainless steel nuts, screws, washers and mounting inserts, for years of corrosion free service.
Not position sensitive – can be mounted in any position for ease of installation.




Similar Part No. - GX32

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GX3202 SEMTECH-GX3202 Datasheet
3Mb / 49P
Crosspoint Switch with Trace Equalization and Output De-emphasis
GX3202-CBE3 SEMTECH-GX3202-CBE3 Datasheet
3Mb / 49P
Crosspoint Switch with Trace Equalization and Output De-emphasis
logo
Integrated Device Techn...
GX32222 IDT-GX32222 Datasheet
76Kb / 2P
Linear TIA
GX32222-DNT IDT-GX32222-DNT Datasheet
76Kb / 2P
Linear TIA
logo
Semtech Corporation
GX3246 SEMTECH-GX3246 Datasheet
1Mb / 47P
Crosspoint Switch with Trace Equalization and Output De-emphasis
More results


Similar Description - GX32

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CQ220-12MFP CENTRAL-CQ220-12MFP Datasheet
80Kb / 2P
12 AMP TRIAC 600 THRU 800 VOLTS
CQDD-12M CENTRAL-CQDD-12M Datasheet
75Kb / 2P
12 AMP TRIAC 600 THRU 800 VOLTS
CSDD-12M CENTRAL-CSDD-12M Datasheet
74Kb / 2P
SILICON CONTROLLED RECTIFIER 12 AMP, 600 THRU 800 VOLTS
logo
International Rectifier
OM5010ST IRF-OM5010ST_15 Datasheet
23Kb / 2P
12 Amp, 800 & 1000 Volts, 50 nsec trr
logo
Micro Commercial Compon...
MT150DT08L2 MCC-MT150DT08L2 Datasheet
669Kb / 6P
150 Amp Three Phase Bridge Thyristor 800~1800 Volts
logo
STMicroelectronics
T1235H-8G STMICROELECTRONICS-T1235H-8G Datasheet
268Kb / 12P
12 A - 800 V - 150 °C 8H Triac in D2PAK
Rev 2 - December 2020
T1235H-8T STMICROELECTRONICS-T1235H-8T Datasheet
281Kb / 11P
12 A - 800 V - 150 °C 8H Triac in TO-220AB
Rev 2 - December 2020
logo
Sensata Technologies, I...
GX11 SENSATA-GX11 Datasheet
1Mb / 4P
150 Amp 12-800 Vdc Contactor
Rev 6 10/23/15
GV24 SENSATA-GV24 Datasheet
507Kb / 6P
400 AMP 800 VDC CONTACTOR
28-Apr-2022
HX24 SENSATA-HX24 Datasheet
349Kb / 5P
1500 VDC CONTACTOR
26/Jan/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com