Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBM2075 Datasheet (PDF) - List of Unclassifed Manufacturers

CBM2075 Datasheet PDF - List of Unclassifed Manufacturers
Part # CBM2075
Download  CBM2075 Download
File Size   569.9 Kbytes
Page   17 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Fastest & Securest USB 2.0/USB1.1 Flash Disk Controller with dedicated 32-bit microprocessor

CBM2075 Datasheet (PDF)

Go To PDF Page Download Datasheet
CBM2075 Datasheet PDF - List of Unclassifed Manufacturers

Part # CBM2075
Download  CBM2075 Click to download

File Size   569.9 Kbytes
Page   17 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Fastest & Securest USB 2.0/USB1.1 Flash Disk Controller with dedicated 32-bit microprocessor

CBM2075 Datasheet (HTML) - List of Unclassifed Manufacturers


CBM2075 Product details

[Chipsbank Microelectronics Co., Ltd.]



Description

The CBM2080 is the fastest, securest USB 2.0 Flash Disk controller on the market. With dual-channel mode enabled, CBM2080 can reach theoretical flash access speed limit of 22MByte/s for read and 20MByte/s for write. For CBM1180/CBM1183, it can reach 1.0Mbytes/s write and 1.1Mbytes/s read.



Features

 USB Interface

   High-speed USB 2.0 interface; backward compatible with USB 1.1

   Integrated USB 2.0/USB1.1 PHY and controller

 Fastest data transfer rate on the market

   CBM2080:

   Dual-channel mode: 22MB/s for Read, 20MB/s for Write

   Single-channel mode: 11MB/s for Read, 10MB/s for Write

   CBM1180 CBM1183: 1.1MB/s for Read, 1.0MB/s for Write

   (No difference between Dual and single channel mode)

 On-the-fly ECC built-in Hardware enhances reliability

   ECC for Binary NAND flash: 3-24 bit/page (1 page = 528 bytes)

   ECC for MLC NAND flash: 6-24 bit/page

   ECC for AG-AND flash: 6-24 bit/page

 Hardware & Software Data Protection Technology

   Prevent data corruption even if it is powered off or unplugged during data transfer.

 NAND, AG-AND & MLC Flash Interface

   Supports Samsung & Toshiba NAND flash memories

   Supports Toshiba & Sandisk MLC flash memories

   Supports Renesas AG-AND flash memories

   Supports Infenion / Hynix flash memories

   Supports ST Microelectronics flash memories

   Supports Micron / Actrans flash memories

   Software configuration to support various new flash memories

   Supports up to 8 flash chips.

 Proprietary 32-bit CISC microprocessor feature

   Proprietary 32-bit CISC processor for USB protocol processing and flash access.

   Single cycle instruction period

 Write-protect switch for security

 Integrated 3.3v to 1.8v voltage regulator

 LED indicator to show access status

   Three modes: Busy, waiting, and off

 Disk partitions and password check for security disk available

 PC boot up as USB Zip Disk and USB Hard Disk

 Auto run function

 USB suspend and resume

 Low power dissipation

   Operating current 50mA (Bus power compatible)

 Leading 0.18um CMOS technology

 48-pin TQFP /64-pin LQFP package

   48-pin CBM2080/CBM1180/CBM1183 supports up to 4 Flash Chips

   64-pin CBM2080L/CBM1180L/CBM1183L supports up to 8 Flash Chips

 Windows, Mac and Linux compatible



 




Similar Part No. - CBM2075

ManufacturerPart #DatasheetDescription
logo
COREBAI Microelectronic...
CBM2003 COREBAI-CBM2003 Datasheet
1Mb / 11P
OPERATION INSTRUCTION
CBM2003A COREBAI-CBM2003A Datasheet
1Mb / 11P
OPERATION INSTRUCTION
CBM2003ADP16 COREBAI-CBM2003ADP16 Datasheet
1Mb / 11P
OPERATION INSTRUCTION
CBM2003AS16 COREBAI-CBM2003AS16 Datasheet
1Mb / 11P
OPERATION INSTRUCTION
CBM2004 COREBAI-CBM2004 Datasheet
1Mb / 11P
OPERATION INSTRUCTION
More results


Similar Description - CBM2075

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU9384 ETC-AU9384 Datasheet
461Kb / 24P
USB Flash Disk Controller
PL-2315 ETC-PL-2315 Datasheet
72Kb / 1P
USB Portable Flash Disk Controller
I5062-ZD ETC1-I5062-ZD Datasheet
129Kb / 8P
USB Flash Disk Controller
I5068-Z ETC2-I5068-Z Datasheet
124Kb / 7P
USB Flash Disk Controller
AU9387 ETC2-AU9387 Datasheet
1Mb / 22P
USB1.1 Universal Flash Disk Controller Technical Reference Manual
AU9386 ETC2-AU9386 Datasheet
156Kb / 17P
USB Flash Disk Controller
logo
Taiwan Memory Technolog...
I5062-ZD TMT-I5062-ZD Datasheet
134Kb / 8P
USB Flash Disk Controller
I5068-Z TMT-I5068-Z Datasheet
132Kb / 8P
USB Flash Disk Controller
logo
List of Unclassifed Man...
AU69XX ETC1-AU69XX Datasheet
1Mb / 2P
AU6998SN - USB 2.0 Universal Flash Disk Controller
MW6208 ETC-MW6208 Datasheet
401Kb / 18P
USB 2.0 FLASH DISK CONTROLLER
Revision 1.0 May 2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com