Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS28WF-CAR Datasheet (PDF) - Goodwork Semiconductor Co., Ltd .

BAS28WF-CAR Datasheet PDF - Goodwork Semiconductor Co., Ltd .
Part # BAS28WF-CAR
Download  BAS28WF-CAR Download
File Size   174.7 Kbytes
Page   3 Pages
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .
Description Silicon Epitaxial Planar Switching Diode

BAS28WF-CAR Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS28WF-CAR Datasheet PDF - Goodwork Semiconductor Co., Ltd .

Part # BAS28WF-CAR
Download  BAS28WF-CAR Click to download

File Size   174.7 Kbytes
Page   3 Pages
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .
Description Silicon Epitaxial Planar Switching Diode

BAS28WF-CAR Datasheet (HTML) - Goodwork Semiconductor Co., Ltd .


BAS28WF-CAR Product details

Features and benefits
* High swi tching sp eed: trr 4 ns
* Reverse voltage: VR 75 V
* Repetitive peak reverse voltage: VRRM 85 V
* Repetitive peak forward current: IFRM 500 mA
* mall SMD package
* -CAR for automotive and other applications requiring unique site
and control change requirements;AEC-Q101 qualified and
PPAP capable

Applications
* High-speed switching in e.g. surface-mounted circuits




Similar Part No. - BAS28WF-CAR

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAS28W SIEMENS-BAS28W Datasheet
37Kb / 4P
Silicon Switching Diode Array (For high-speed switching applications Electrical insulated diodes)
logo
Infineon Technologies A...
BAS28W INFINEON-BAS28W Datasheet
439Kb / 4P
Silicon Switching Diode
Feb-21-2003
logo
Guangdong Kexin Industr...
BAS28W KEXIN-BAS28W Datasheet
40Kb / 2P
Silicon Switching Diode Array
logo
Infineon Technologies A...
BAS28W INFINEON-BAS28W Datasheet
93Kb / 7P
Silicon Switching Diode
2007-04-19
BAS28W INFINEON-BAS28W Datasheet
93Kb / 7P
For high-speed switching applications
2007-04-19
More results


Similar Description - BAS28WF-CAR

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BAV70W SEMTECH_ELEC-BAV70W Datasheet
287Kb / 2P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
Zowie Technology Corpor...
1N4148WSGH ZOWIE-1N4148WSGH_11 Datasheet
140Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Olitech Electronics Co....
BAS35 OLITECH-BAS35 Datasheet
515Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Nanjing International G...
MMBD914 DGNJDZ-MMBD914 Datasheet
277Kb / 2P
Silicon Epitaxial Planar Switching Diode
MMBD4148 DGNJDZ-MMBD4148 Datasheet
98Kb / 2P
Silicon Epitaxial Planar Switching Diode
logo
Dongguan Pingjingsemi T...
1SS355 PJSEMI-1SS355 Datasheet
407Kb / 3P
Silicon Epitaxial Planar Switching Diode
MMBD7000 PJSEMI-MMBD7000 Datasheet
590Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
DONGGUAN YOU FENG WEI E...
BAV70DW YFWDIODE-BAV70DW Datasheet
342Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
SHIKUES Electronics
1SS352 SKTECHNOLGY-1SS352 Datasheet
398Kb / 3P
Silicon Epitaxial Planar Switching Diode
KDS160 SKTECHNOLGY-KDS160 Datasheet
1Mb / 3P
Silicon Epitaxial Planar Switching Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com