Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFCM3327 Datasheet (PDF) - Qorvo, Inc

RFCM3327 Datasheet PDF - Qorvo, Inc
Part # RFCM3327
Download  RFCM3327 Download
File Size   495.61 Kbytes
Page   8 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 45-1218 MHz GaAs/GaN Power Doubler Module

RFCM3327 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFCM3327 Datasheet PDF - Qorvo, Inc

Part # RFCM3327
Download  RFCM3327 Click to download

File Size   495.61 Kbytes
Page   8 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 45-1218 MHz GaAs/GaN Power Doubler Module

RFCM3327 Datasheet (HTML) - Qorvo, Inc


RFCM3327 Product details

Key Features
• Excellent Linearity
• Superior Return Loss Performance
• Extremely Low Distortion
• Optimal Reliability
• Low Noise
• Unconditionally Stable Under all Terminations
• Extremely High Output Capability
• 22.5 dB Min. Gain at 1218 MHz
• 480 mA Max. at 24 VDC
• Temperature Sensing Feature




Similar Part No. - RFCM3327

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFCM3327 QORVO-RFCM3327 Datasheet
681Kb / 8P
45-1218 MHz GaAs/GaN Power Doubler Module
More results


Similar Description - RFCM3327

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFCM3326 RFMD-RFCM3326 Datasheet
270Kb / 8P
45-1218MHZ GAAS/GAN POWER DOUBLER MODULE
logo
Qorvo, Inc
QPA3333 QORVO-QPA3333 Datasheet
338Kb / 9P
45-1218 MHz GaAs/GaN Power Doubler Module
RFCM3328 QORVO-RFCM3328 Datasheet
681Kb / 8P
45-1218 MHz GaAs/GaN Power Doubler Module
logo
Skyworks Solutions Inc.
ACA2429 SKYWORKS-ACA2429 Datasheet
680Kb / 11P
1218 MHz High-Output GaN CATV Power-Doubler Amplifier
ACA4788 SKYWORKS-ACA4788 Datasheet
206Kb / 2P
1218 MHz High-Output GaN CATV Power-Doubler Amplifier
logo
Analog Devices
ADCA3950 AD-ADCA3950 Datasheet
257Kb / 11P
DOCSIS 3.1 Power Doubler Hybrid Module, 45 MHz to 1218 MHz
12/2020-Revision 0
ADCA3952 AD-ADCA3952 Datasheet
335Kb / 12P
DOCSIS 3.1, Power Doubler Hybrid Module, 45 MHz to 1218 MHz
11/2020-Revision 0
logo
Qorvo, Inc
RFCM4363 QORVO-RFCM4363 Datasheet
436Kb / 9P
45-1218 MHz GaAs/GaN Push Pull Module
logo
Analog Devices
ADCA3992 AD-ADCA3992 Datasheet
272Kb / 9P
45 MHz to 1218 MHz, CATV Power Doubler Hybrid
1/2020-Revision 0
logo
Qorvo, Inc
QPA3333 QORVO-QPA3333_V01 Datasheet
381Kb / 9P
45-1218 MHz GaAs/GaN Power Doubler Module
October 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com