Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQP9224 Datasheet (PDF) - Qorvo, Inc

TQP9224 Datasheet PDF - Qorvo, Inc
Part # TQP9224
Download  TQP9224 Download
File Size   621.18 Kbytes
Page   8 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description High Linearity 0.25 W Small Cell PA

TQP9224 Datasheet (PDF)

Go To PDF Page Download Datasheet
TQP9224 Datasheet PDF - Qorvo, Inc

Part # TQP9224
Download  TQP9224 Click to download

File Size   621.18 Kbytes
Page   8 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description High Linearity 0.25 W Small Cell PA

TQP9224 Datasheet (HTML) - Qorvo, Inc


TQP9224 Product details

Product Features
• 2.3 – 2.4 GHz Frequency Range
• Fully integrated, 3-Stage Power Amplifier
• Internally Matched 50 Ω Input/Output
• −50 dBc ACLR at Pavg = +24 dBm
• 36.7 dB Gain
• 14% PAE at +24 dBm
• 204 mA Quiescent Current
• On-chip Control Bias and Temp. Comp Circuit
• RoHS compliant
• Covers Band 30, 40




Similar Part No. - TQP9224

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP9221 TRIQUINT-TQP9221 Datasheet
429Kb / 10P
High Linearity 0.25 W Small Cell PA
More results


Similar Description - TQP9224

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA7124 NXP-BGA7124_10 Datasheet
401Kb / 33P
400 MHz to 2700 MHz 0.25 W high linearity silicon amplifier
Rev. 01-21 April 2010
logo
TriQuint Semiconductor
TGA2450-SM TRIQUINT-TGA2450-SM Datasheet
793Kb / 9P
2100 MHz, 2.5 W, Small Cell PA Module
TQP7M9101 TRIQUINT-TQP7M9101_15 Datasheet
759Kb / 20P
W High Linearity Amplifier
TQP9321 TRIQUINT-TQP9321_15 Datasheet
454Kb / 7P
High Efficiency 0.5 W Small Cell PA
TQP9221 TRIQUINT-TQP9221 Datasheet
429Kb / 10P
High Linearity 0.25 W Small Cell PA
logo
Qorvo, Inc
TQP9418 QORVO-TQP9418 Datasheet
500Kb / 8P
High Linearity 0.5 W Small Cell PA
QPA9424 QORVO-QPA9424 Datasheet
1Mb / 10P
High Linearity 0.5 W Small Cell PA
QPA9421 QORVO-QPA9421 Datasheet
1Mb / 10P
High Linearity 0.5 W Small Cell PA
QPA9418 QORVO-QPA9418 Datasheet
946Kb / 10P
High Linearity 0.5 W Small Cell PA
QPA9426 QORVO-QPA9426 Datasheet
539Kb / 8P
High Linearity 쩍 W Small Cell PA
August 7, 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com