Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYY57A Datasheet (PDF) - Zetex Semiconductors

BYY57A Datasheet PDF - Zetex Semiconductors
Part # BYY57A
Download  BYY57A Download
File Size   203.09 Kbytes
Page   5 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 50A Silicon Power Rectifier Diode

BYY57A Datasheet (PDF)

Go To PDF Page Download Datasheet
BYY57A Datasheet PDF - Zetex Semiconductors

Part # BYY57A
Download  BYY57A Click to download

File Size   203.09 Kbytes
Page   5 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 50A Silicon Power Rectifier Diode

BYY57A Datasheet (HTML) - Zetex Semiconductors


BYY57A Product details

Description
The BYY57A/58A are hermetically sealed 50A diodes, which are available in different reverse voltage classes up to 800V.
The diodes can be delivered with limited forward voltage and reverse current differences for parallel connecting in rectifier stacks and back-off-diodes

Features
• Forward current 50A
• Reverse voltage 75V – 800V
• Hermetic press-fit package
• Available in different modifications of the
   package

Applications
• Power supplies
• Rectifier diode in car generators
• Rectifier bridges/stacks
• Back-off-diodes




Similar Part No. - BYY57A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BYY57 ZETEX-BYY57 Datasheet
212Kb / 5P
35A Silicon Power Rectifier Diode
BYY57-100 ZETEX-BYY57-100 Datasheet
212Kb / 5P
35A Silicon Power Rectifier Diode
BYY57-1000 ZETEX-BYY57-1000 Datasheet
212Kb / 5P
35A Silicon Power Rectifier Diode
BYY57-1100 ZETEX-BYY57-1100 Datasheet
212Kb / 5P
35A Silicon Power Rectifier Diode
BYY57-1200 ZETEX-BYY57-1200 Datasheet
212Kb / 5P
35A Silicon Power Rectifier Diode
More results


Similar Description - BYY57A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5538 NTE-NTE5538 Datasheet
23Kb / 2P
Silicon Controlled Rectifier (SCR) 800VDRM, 50A
logo
Zetex Semiconductors
BYP53 ZETEX-BYP53 Datasheet
192Kb / 5P
25A Silicon Power Rectifier Diode
BYP57 ZETEX-BYP57 Datasheet
192Kb / 5P
35A Silicon Power Rectifier Diode
BYY53 ZETEX-BYY53 Datasheet
213Kb / 6P
25A Silicon Power Rectifier Diode
BYY57 ZETEX-BYY57 Datasheet
212Kb / 5P
35A Silicon Power Rectifier Diode
logo
Sanyo Semicon Device
DBA500G SANYO-DBA500G Datasheet
48Kb / 3P
Diffused Junction Silicon Diode 50A Single-Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
1N6097 NAINA-1N6097 Datasheet
123Kb / 2P
Schottky Power Diode, 50A
logo
NTE Electronics
NTE53020 NTE-NTE53020 Datasheet
66Kb / 2P
Silicon Bridge Rectifier, 50A
logo
New Jersey Semi-Conduct...
WW5980 NJSEMI-WW5980 Datasheet
111Kb / 3P
Silicon Power Rectifier Diode, 40Amp
logo
Diodes Incorporated
BYP57 DIODES-BYP57 Datasheet
436Kb / 6P
35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com