Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSH-RE Datasheet (PDF) - Sensata Technologies, Inc.

MSH-RE Datasheet PDF - Sensata Technologies, Inc.
Part # MSH-RE
Download  MSH-RE Download
File Size   152.5 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description INVERTER / CHARGER

MSH-RE Datasheet (PDF)

Go To PDF Page Download Datasheet
MSH-RE Datasheet PDF - Sensata Technologies, Inc.

Part # MSH-RE
Download  MSH-RE Click to download

File Size   152.5 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description INVERTER / CHARGER

MSH-RE Datasheet (HTML) - Sensata Technologies, Inc.


MSH-RE Product details

Features
• Pure sine wave – Power your T.V.s, stereos, plasma screens,
and other sensitive electronics without worry. The pure sine
wave inverter and power factor corrected charger provide
clean, reliable inverter power with low total harmonic distortion
(THD) of less than 5%.
• Easy-to-install – Install the MSH-RE Series in four easy steps:
simply connect the inverter’s output to your distribution circuits
or electrical panel, connect your utility power cable to the
inverter’s easy-to-reach terminal block, connect the batteries,
and switch on the power.
• Dual AC inputs – The MSH-RE Series comes with two 60 amp
AC inputs – a grid input at 60A and a generator input at 60A.
• Accessible design – The extra large AC access cover with
terminal screw block and 360° DC connection terminals with
covers make this inverter more accessible when it needs to be.
• Interchangeable – The MSH-RE is interchangeable with the
Magnum MS Series and uses the same accessories as the
MS Series.
• Lightweight – The lightweight aluminum base and cover also
provides noise reduction and corrosion resistance.
• Multiple ports – The MSH-RE Series provides multiple ports,
including an RS485 communication port for network expansion,
and a remote port.
• Convenient switches – The MSH-RE Series comes with an on/
off inverter-mounted switch with an easy-to-read LED indicator.
• Buy with ease – The MSH-RE Series is backed by a three-year
(36-month) limited warranty, and a five-year limited warranty
when purchased with and installed on an MMP system.




Similar Part No. - MSH-RE

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
MSH-RV SENSATA-MSH-RV Datasheet
232Kb / 3P
12V, 3000W
Rev: 08/24/22
More results


Similar Description - MSH-RE

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
TN-1500 MEANWELL-TN-1500_11 Datasheet
431Kb / 4P
1500W True Sine Wave DC-AC Inverter with Solar Charger
TN-3000_1105 MEANWELL-TN-3000_1105 Datasheet
1Mb / 4P
3000W True Sine Wave DC-AC Inverter with Solar Charger
logo
List of Unclassifed Man...
EMS1250UL ETC2-EMS1250UL Datasheet
514Kb / 6P
PowerVerter 1250W Ambulance/EMS Inverter/Charger with 2 Outlets
RV1250ULHW ETC2-RV1250ULHW Datasheet
524Kb / 6P
PowerVerter짰 1250W RV Inverter/Charger with Hardwire Input/Output
UT1250UL ETC2-UT1250UL Datasheet
539Kb / 6P
PowerVerter짰 1250W Utility/Work Truck Inverter/Charger with 2 Outlets
logo
Tripp Lite. All Rights ...
APSX4048SW TRIPPLITE-APSX4048SW Datasheet
540Kb / 4P
PowerVerter APS X Series 4000W Inverter/Charger
logo
COTEK ELECTRONIC IND. C...
SC-1200 COTEK-SC-1200 Datasheet
1Mb / 7P
1200W Pure Sine Wave Inverter / Charger
21/09/01
SC-2000 COTEK-SC-2000 Datasheet
1Mb / 7P
2000W Pure Sine Wave Inverter / Charger
21/09/01
SL-2000 COTEK-SL-2000 Datasheet
210Kb / 2P
2000W Inverter / Charger
20/11/12
SL-3000 COTEK-SL-3000 Datasheet
210Kb / 2P
3000W Inverter / Charger
20/11/12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com