Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P115 Datasheet (PDF) - Sensata Technologies, Inc.

P115 Datasheet PDF - Sensata Technologies, Inc.
Part # P115
Download  P115 Download
File Size   297.46 Kbytes
Page   4 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description MINITACTORTM

P115 Datasheet (PDF)

Go To PDF Page Download Datasheet
P115 Datasheet PDF - Sensata Technologies, Inc.

Part # P115
Download  P115 Click to download

File Size   297.46 Kbytes
Page   4 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description MINITACTORTM

P115 Datasheet (HTML) - Sensata Technologies, Inc.


P115 Product details

Features
• UL508 Recognized and load break rated for 1000vdc systems
• Hermetically sealed contactor: ensures make/break switching up to
1200Vdc
• Best option for: NEC 690.11 and 690.12 DC arc fault interrupting and
rapid shutdown requirements
• Small, lightweight and cost effective patented design
• Perfect choice for 600Vdc and 1000Vdc photovoltaic/battery systems




Similar Part No. - P115

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P115 ETC2-P115 Datasheet
47Kb / 2P
KNOBS AND DIAL PLATES
P115 ETC-P115 Datasheet
71Kb / 1P
KNOBS AND DIAL PLATES
logo
Axiomtek Co., Ltd.
P115-ADL-TRA AXIOMTEK-P115-ADL-TRA Datasheet
690Kb / 3P
15" XGA TFT Expandable Industrial Touch Panel Computer with 14th/13th/12th Gen Intel® Core™ i9/i7/i5/i3, Celeron® or Pentium® Processor and PCIe Slot
Feb. 05, 2025.
P1153-822 AXIOMTEK-P1153-822 Datasheet
372Kb / 2P
Supports dimming control
P1153-841 AXIOMTEK-P1153-841 Datasheet
345Kb / 2P
Supports dimming control
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com