Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZP62-39 Datasheet (PDF) - Zetex Semiconductors

BZP62-39 Datasheet PDF - Zetex Semiconductors
Part # BZP62-39
Download  BZP62-39 Download
File Size   188.42 Kbytes
Page   4 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description Silicon Power Zener Diode

BZP62-39 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZP62-39 Datasheet PDF - Zetex Semiconductors

Part # BZP62-39
Download  BZP62-39 Click to download

File Size   188.42 Kbytes
Page   4 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description Silicon Power Zener Diode

BZP62-39 Datasheet (HTML) - Zetex Semiconductors


BZP62-39 Product details

Description
The BZP61/62 are plastic sealed 35A- forward current diodes, which are available in different Zener voltages.

Features
• Forward current 35A
• Zener voltages 22V, 27V, 33V or 39V
• Plastic sealed press-fit package
• Available in different package modifications

Applications
• Power supplies
• Rectifier diode in car alternators




Similar Part No. - BZP62-39

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BZP650 ETC1-BZP650 Datasheet
1Mb / 25P
BZP650
More results


Similar Description - BZP62-39

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZPU100 DIODES-ZPU100 Datasheet
57Kb / 2P
SILICON POWER ZENER DIODE
DS21405 Rev.D-3
ZPY1 DIODES-ZPY1 Datasheet
62Kb / 3P
SILICON PLANAR POWER ZENER DIODE
DS21404 Rev. D-3
ZY11 DIODES-ZY11 Datasheet
63Kb / 3P
SILICON POWER ZENER DIODE
DS21406 Rev. E-3
logo
Zetex Semiconductors
BZV61 ZETEX-BZV61 Datasheet
198Kb / 4P
Silicon Power Zener Diode
logo
Pan Jit International I...
1N4728A-G PANJIT-1N4728A-G Datasheet
399Kb / 5P
SILICON ZENER DIODE
logo
Seme LAB
1N4109D2A SEME-LAB-1N4109D2A Datasheet
195Kb / 3P
SILICON ZENER DIODE
logo
Pan Jit International I...
1N4736A PANJIT-1N4736A_09 Datasheet
360Kb / 5P
SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N4832 NJSEMI-1N4832 Datasheet
77Kb / 1P
SILICON ZENER DIODE
1N5930 NJSEMI-1N5930 Datasheet
67Kb / 1P
SILICON ZENER DIODE
logo
Shenzhen Taychipst Elec...
ZY11 TAYCHIPST-ZY11 Datasheet
8Mb / 3P
SILICON POWER ZENER DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com