Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4279092 Datasheet (PDF) - Turck, Inc.

4279092 Datasheet PDF - Turck, Inc.
Part # 4279092
Download  4279092 Download
File Size   1057.72 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive Sensor – For High Pressures

4279092 Datasheet (PDF)

Go To PDF Page Download Datasheet
4279092 Datasheet PDF - Turck, Inc.

Part # 4279092
Download  4279092 Click to download

File Size   1057.72 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive Sensor – For High Pressures

4279092 Datasheet (HTML) - Turck, Inc.


4279092 Product details

Features
■Smooth barrel, stainless steel, 1.4305
■Ø 12.7 mm
■Housing, GD-Zn, chromated
■Special high pressure seal and active
ceramic surface
■Permissible dynamic pressure 206 bar; static
overpressure 310 bar
■DC 3-wire, 10…30 VDC
■NO contact, PNP output
■M12 x 1 male connector
Functional principle
Inductive sensors detect metal objects
contactless and wear-free. For this purpose
they use a high-frequency electromagnetic AC
field that interacts with the target. The sensors
hosting a ferrite core coil generate the AC field
through an LC resonant circuit.
Pressure-resistant inductive sensors withstand
high pressures which makes them perfectly
suited for position control in hydraulic cylinders.




Similar Part No. - 4279092

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
4279093 TURCK-4279093 Datasheet
180Kb / 3P
Inductive Sensor – For High Pressures
11/07/2023
4279094 TURCK-4279094 Datasheet
296Kb / 3P
Inductive Sensor – For High Pressures
11/07/2023
4279095 TURCK-4279095 Datasheet
296Kb / 3P
Inductive Sensor – For High Pressures
11/07/2023
4279096 TURCK-4279096 Datasheet
296Kb / 3P
Inductive Sensor – For High Pressures
11/07/2023
4279097 TURCK-4279097 Datasheet
296Kb / 3P
Inductive Sensor – For High Pressures
11/07/2023
More results


Similar Description - 4279092

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
BI1.5U-EG08-RP6X-H1341 TURCK-BI1.5U-EG08-RP6X-H1341 Datasheet
377Kb / 3P
Inductive sensor
BI1-EG05K-AN6X-V1331 TURCK-BI1-EG05K-AN6X-V1331 Datasheet
199Kb / 2P
Inductive sensor
BI2-CRS260-ADZ30X2-B3131 TURCK-BI2-CRS260-ADZ30X2-B3131 Datasheet
215Kb / 2P
Inductive sensor For high pressures
BI10-G28-AZ3 TURCK-BI10-G28-AZ3 Datasheet
185Kb / 2P
Inductive sensor
NI4-DSU26TC-2Y1X2 TURCK-NI4-DSU26TC-2Y1X2 Datasheet
295Kb / 4P
Inductive sensor For rotary actuators
BI1.5-EH6.5-0.2-Q20-2LU TURCK-BI1.5-EH6.5-0.2-Q20-2LU Datasheet
226Kb / 2P
Inductive sensor For material recognition
logo
Pepperl+Fuchs Inc.
NBB3-V3-Z4 PF-NBB3-V3-Z4 Datasheet
217Kb / 2P
Inductive sensor
NBB4-12GM75-US PF-NBB4-12GM75-US Datasheet
178Kb / 1P
Inductive sensor
NBB5-18GM40-Z0-V1 PF-NBB5-18GM40-Z0-V1 Datasheet
173Kb / 1P
Inductive sensor
NBB8-18GM50-E2 PF-NBB8-18GM50-E2 Datasheet
159Kb / 1P
Inductive sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com